Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0839/PC Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PX0839/PC
Description  Standard Buccaneer - Ethernet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0839/PC Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PX0839/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Buccaneer for Data 67
BUCCANEER FOR DATA
Standard Buccaneer - Ethernet
Panel Mounting Connector
Shield Back Shell Accessory
PX0839/IDC
PX0888
Cat 5e shielded RJ45 interface
Rear of panel mounted
Mates with PX0836, PX0837,
PX0838 and PX0834 flex
connectors
Two IDC blocks for discrete
termination
Complete with panel sealing
Maintains RJ45 coupler
screening directly to panel
Shielding can is fixed to rear
of panel mount connector
For use on PX0833
Part no.
Description
Fixing
Part no.
Description
PX0839/IDC
PX0888
Cat 5e coupler
Shielding backshell accessory
Rear panel mounted
Accessories
Sealing Caps
Sealing caps to maintain IP68
rating when connectors are
not in use
Replacement shielded RJ45s
Hand crimp tool for shielded
RJ45
Patch cord cable available in
50m reels
Part no.
Description
PX0835
PX0733
PX0711
14151
14199
14150
15241
Sealing Cap for flex connectors (PX0834, PX0836-838, PX0894, PX0896-898)
Sealing Cap for panel mounting connector (PX0833, PX0870, PX0893, PX0890)
Sealing Cap for rear panel mounting connector (PX0839)
Cat 5e & Cat 6a Hand crimp tooling + die set
Cat 5e PUR Jacket Cable - 50m reel
Cat 5e Replacement shielded RJ45
Cat 6a PVC Jacket Cable - 50m reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com