Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0839/PC Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # PX0839/PC
Description  Standard Buccaneer - Ethernet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0839/PC Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

  PX0839/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PX0839/PC Datasheet HTML 7Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
70 Buccaneer for Data
BUCCANEER FOR DATA
Standard Buccaneer - Ethernet
Cable Joiner
PX0777
IP68 Rating
For Sealed In-Line RJ45
Connections
Supplied Complete with
Coupler
Shielded (STP) & Unshielded
(UTP) versions
Cat5e Shielded Coupler also
available
Cable Range 3.5 - 8mm
(with glands supplied)
Specifications
PX0777/UTP
PX0777/STP
PX0777/CAT5ESTP
Rating:
No. of Conductors:
Coupler Type:
Cable Range:
Material:
Sealing:
Salt Mist
Operating Temp
Range:
Colour:
RoHS
1.5A, 30V a.c., 42V d.c.
8
Unshielded
3.5 - 8mm
With glands supplied:
3.5 - 5mm (Blue)
5 - 7mm (Green)
6 - 8mm (Red)
Glass Filled Polyamide
UL94V-0
IP68 to BSEN
60529:1992+A2:2013
(10m depth for 2 weeks)
EN60068-2-52 Test Kb Salt Mist
(Cyclic)
Marine Severity Level 1
–20ºC to +70ºC
Black
Compliant
1.5A, 30V a.c., 42V d.c.
8
Shielded
3.5 - 8mm
With glands supplied:
3.5 - 5mm (Blue)
5 - 7mm (Green)
6 - 8mm (Red)
Glass Filled Polyamide
UL94V0
IP68 to BSEN
60529:1992+A2:2013
(10m depth for 2 weeks)
EN60068-2-52 Test Kb Salt Mist
(Cyclic)
Marine Severity Level 1
–20ºC to +70ºC
Black
Compliant
1.5A, 30V a.c., 42V d.c.
8
Shielded CAT5e performance
3.5 - 8mm
With glands supplied:
3.5 - 5mm (Blue)
5 - 7mm (Green)
6 - 8mm (Red)
Glass Filled Polyamide
UL94V0
IP68 to BSEN
60529:1992+A2:2013
(10m depth for 2 weeks)
EN60068-2-52 Test Kb Salt Mist
(Cyclic)
Marine Severity Level 1
–20ºC to +70ºC
Black
Compliant
PX0777/CAT6ASTP
1.5A, 30V a.c., 42V d.c.
8
Shielded CAT6a performance
3.5 - 8mm
With glands supplied:
3.5 - 5mm (Blue)
5 - 7mm (Green)
6 - 8mm (Red)
Glass Filled Polyamide
UL94V0
IP68 to BSEN
60529:1992+A2:2013
(10m depth for 2 weeks)
EN60068-2-52 Test Kb Salt Mist
(Cyclic)
Marine Severity Level 1
–20ºC to +70ºC
Black
Compliant



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com