Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83867CSRGZT Datasheet(PDF) 21 Page - Texas Instruments

Part # DP83867CSRGZT
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZT Datasheet(HTML) 21 Page - Texas Instruments

Back Button DP83867CSRGZT Datasheet HTML 17Page - Texas Instruments DP83867CSRGZT Datasheet HTML 18Page - Texas Instruments DP83867CSRGZT Datasheet HTML 19Page - Texas Instruments DP83867CSRGZT Datasheet HTML 20Page - Texas Instruments DP83867CSRGZT Datasheet HTML 21Page - Texas Instruments DP83867CSRGZT Datasheet HTML 22Page - Texas Instruments DP83867CSRGZT Datasheet HTML 23Page - Texas Instruments DP83867CSRGZT Datasheet HTML 24Page - Texas Instruments DP83867CSRGZT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
DEST * 16
DEST (6 bytes)
SRC (6 bytes)
MISC (X bytes, X >= 0)
))« )) (6 bytes)
MISC (Y bytes, Y >= 0)
CRC (4 bytes)
MAGIC pattern
SecureOn Password (6 bytes)
Only if Secure-On is enabled
Figure 7-1. Magic Packet Structure
7.3.1.2 Magic Packet Example
The following is an example Magic Packet for a Destination Address of 11h 22h 33h 44h 55h 66h and a
SecureOn Password 2Ah 2Bh 2Ch 2Dh 2Eh 2Fh with the MAC ADDRESS = 00:28:29:74:E2:F8
DESTINATION SOURCE MISC 00 28 29 74 E2 F8 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11
22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44
55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11 22 33 44 55 66 11
22 33 44 55 66 11 22 33 44 55 66 2A 2B 2C 2D 2E 2F MISC CRC
7.3.1.3 Wake-on-LAN Configuration and Status
Magic Packet Detection Registers
Register Name
DP83867 Address
Receive Configuration Register
Reg 0x134
Receive Status Register
Reg 0x135
MAC Destination Address Registers
Reg 0x136-0x138
Receive Secure-ON Password Registers
Reg 0x139 - 0x13B
Byte Mask
Reg 0x15C - 0x15F
DP83867's Magic Packet functionality is only applicable for Unicast packets only.
7.3.2 Start of Frame Detect for IEEE 1588 Time Stamp
The DP83867 supports an IEEE 1588 indication pulse at the SFD (start frame delimiter) for the receive and
transmit paths. The pulse can be delivered to various pins. The pulse indicates the actual time the symbol is
presented on the lines (for transmit), or the first symbol received (for receive). We are adjusting baseline latency
to help with SFD variation. The baseline latency can be adjusted through register. Each increment of phase
value is an 8ns step.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com