Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83867CSRGZT Datasheet(PDF) 49 Page - Texas Instruments

Part # DP83867CSRGZT
Description  DP83867E/IS/CS Robust, High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867CSRGZT Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP83867CSRGZT Datasheet HTML 45Page - Texas Instruments DP83867CSRGZT Datasheet HTML 46Page - Texas Instruments DP83867CSRGZT Datasheet HTML 47Page - Texas Instruments DP83867CSRGZT Datasheet HTML 48Page - Texas Instruments DP83867CSRGZT Datasheet HTML 49Page - Texas Instruments DP83867CSRGZT Datasheet HTML 50Page - Texas Instruments DP83867CSRGZT Datasheet HTML 51Page - Texas Instruments DP83867CSRGZT Datasheet HTML 52Page - Texas Instruments DP83867CSRGZT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
7.6.5 Auto-Negotiation Advertisement Register (ANAR)
This register contains the advertised abilities of this device as the settings are transmitted to the link partner
during Auto-Negotiation. Any writes to this register prior to completion of Auto-Negotiation (as indicated in the
Basic Mode Status Register (address 01h) Auto-Negotiation Complete bit, BMSR[5]) can be followed by a
renegotiation. This verifies that the new values are properly used in the Auto-Negotiation.
Table 7-14. Auto-Negotiation Advertisement Register (ANAR), Address 0x0004
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
NP
0, RW
Next Page Indication:
0 = Next Page Transfer not desired.
1 = Next Page Transfer desired.
14
RESERVED
0, RO/P
RESERVED by IEEE: Writes ignored, Read as 0.
13
RF
0, RW
Remote Fault:
1 = Advertises that this device has detected a Remote Fault.
0 = No Remote Fault detected.
12
RESERVED
0, RW
RESERVED for Future IEEE use: Write as 0, Read as 0
11
ASM_DIR
0, RW
Asymmetric PAUSE Support for Full Duplex Links:
The ASM_DIR bit indicates that asymmetric PAUSE is supported.
Encoding and resolution of PAUSE bits is defined in IEEE 802.3
Annex 28B, Tables 28B-2 and 28B-3, respectively. Pause resolution
status is reported in PHYCR[13:12].
1 = Advertise that the DTE (MAC) has implemented both the optional
MAC control sublayer and the pause function as specified in clause
31 and annex 31B of 802.3u.
0 = No MAC based full duplex flow control.
10
PAUSE
0, RW
PAUSE Support for Full Duplex Links:
The PAUSE bit indicates that the device is capable of providing the
symmetric PAUSE functions as defined in Annex 31B.
Encoding and resolution of PAUSE bits is defined in IEEE 802.3
Annex 28B, Tables 28B-2 and 28B-3, respectively. Pause resolution
status is reported in PHYCR[13:12].
1 = Advertise that the DTE (MAC) has implemented both the optional
MAC control sublayer and the pause function as specified in clause
31 and annex 31B of 802.3u.
0 = No MAC based full duplex flow control.
9
T4
0, RO/P
100BASE-T4 Support:
1 = 100BASE-T4 is supported by the local device.
0 = 100BASE-T4 not supported.
8
TX_FD
Strap, RW
100BASE-TX Full Duplex Support:
1 = 100BASE-TX Full Duplex is supported by the local device.
0 = 100BASE-TX Full Duplex not supported.
7
TX_HD
Strap, RW
100BASE-TX Half Support:
1 = 100BASE-TX is supported by the local device.
0 = 100BASE-TX not supported.
6
Te_FD
Strap, RW
10BASE-Te Full Duplex Support:
1 = 10BASE-Te Full Duplex is supported by the local device.
0 = 10BASE-Te Full Duplex not supported.
www.ti.com
DP83867CS, DP83867IS, DP83867E
SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DP83867CS DP83867IS DP83867E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com