Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV593VFPR Datasheet(PDF) 14 Page - Texas Instruments

Part # DRV593VFPR
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593VFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments DRV593VFPR Datasheet HTML 16Page - Texas Instruments DRV593VFPR Datasheet HTML 17Page - Texas Instruments DRV593VFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
DT +
1
1 ) N2
DTmax
C
TEC
PWM
H/C
R
L
H
LP
(jw) +
1
– w
w0
2
)
1
Q
jw
w0 )
1
w0 +
1
LC
w + DRV593 or DRV594 switching frequency
Q + quality factor
DRV593
DRV594
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
www.ti.com
OUTPUT FILTER CONSIDERATIONS
TEC element manufacturers provide electrical specifications for maximum dc current and maximum output
voltage for each particular element. The maximum ripple current, however, is typically only recommended to be
less than 10% with no reference to the frequency components of the current. The maximum temperature
differential across the element, which decreases as ripple current increases, may be calculated with the following
equation:
(4)
where
ΔT = actual temperature differential
Δ Tmax = maximum temperature differential (specified by manufacturer)
N = ratio of ripple current to dc current
According to this relationship, a 10% ripple current reduces the maximum temperature differential by 1%. An LC
network may be used to filter the current flowing to the TEC to reduce the amount of ripple and, more
importantly, protect the rest of the system from any electromagnetic interference (EMI).
FILTER COMPONENT SELECTION
The LC filter, which may be designed from two different perspectives, both described below, helps estimate the
overall performance of the system. The filter should be designed for the worst-case conditions during operation,
which is typically when the differential output is at 50% duty cycle. The following section serves as a starting
point for the design, and any calculations should be confirmed with a prototype circuit in the lab.
Any filter should always be placed as close as possible to the DRV593 and DRV594 to reduce EMI.
Figure 22. Output Filter
LC FILTER IN THE FREQUENCY DOMAIN
The transfer function for a second-order low-pass filter (Figure 22) is shown in Equation 5:
(5)
14
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com