Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV593VFPR Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV593VFPR
Description  ±3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV593VFPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV593VFPR Datasheet HTML 7Page - Texas Instruments DRV593VFPR Datasheet HTML 8Page - Texas Instruments DRV593VFPR Datasheet HTML 9Page - Texas Instruments DRV593VFPR Datasheet HTML 10Page - Texas Instruments DRV593VFPR Datasheet HTML 11Page - Texas Instruments DRV593VFPR Datasheet HTML 12Page - Texas Instruments DRV593VFPR Datasheet HTML 13Page - Texas Instruments DRV593VFPR Datasheet HTML 14Page - Texas Instruments DRV593VFPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
V
Load +
D
V
DD
D +
Av VIN)–VIN–
V
DD
H/C
PWM
Load
Voltage
VDD
VDD
VDD
VDD/2
0
0
0
DRV593
DRV594
www.ti.com
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
APPLICATION INFORMATION
PULSE-WIDTH MODULATION SCHEME FOR DRV593 AND DRV594
The pulse-width modulation scheme implemented in the DRV593 and DRV594 eliminates one-half of the full
output filter previously required for PWM drivers. The DRV593 and DRV594 require only one inductor and
capacitor for the output filter. The H/C outputs determine the direction of the current and do not switch back and
forth. The PWM outputs switch to produce a voltage across the load that is proportional to the input control
voltage.
COOLING MODE
Figure 18 shows the DRV593 and DRV594 in cooling mode. The H/C outputs (pins 14-17) are at ground and the
PWM outputs (pins 24-27) create a voltage across the load that is proportional to the input voltage.
The differential voltage across the load is determined using Equation 1 and the duty cycle using Equation 2. The
differential voltage is defined as the voltage measured after the filter on the PWM output relative to the H/C
output.
(1)
(2)
where D duty cycle of the PWM signal Av Gain of DRV593/594 (DRV593: 2.3 V/V, DRV594: 14.5 V/V) VIN+
Positive input terminal of the DRV593/594 VIN– Negative input terminal of the DRV593/594 VDD Power supply
voltage
For example, a 50% duty cycle, shown in Figure 18, results in 2.5 V across the load for VDD = 5 V.
Figure 18. Cooling Mode
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DRV593 DRV594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com