Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA126E/2K5 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA126E/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA126E/2K5 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA126E/2K5 Datasheet HTML 10Page - Texas Instruments INA126E/2K5 Datasheet HTML 11Page - Texas Instruments INA126E/2K5 Datasheet HTML 12Page - Texas Instruments INA126E/2K5 Datasheet HTML 13Page - Texas Instruments INA126E/2K5 Datasheet HTML 14Page - Texas Instruments INA126E/2K5 Datasheet HTML 15Page - Texas Instruments INA126E/2K5 Datasheet HTML 16Page - Texas Instruments INA126E/2K5 Datasheet HTML 17Page - Texas Instruments INA126E/2K5 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
8.2.1 Design Requirements
For the traces shown in Figure 8-2 and Figure 8-3:
• Common-mode rejection of at least 80 dB
• Gain of 250
8.2.2 Detailed Design Procedure
8.2.2.1 Setting the Gain
Gain is set by connecting an external resistor, RG:
g = 5 + 80 kΩ / RG
(1)
Commonly used gains and RG resistor values are shown in Figure 8-1.
The 80-kΩ term in Equation 1 comes from the internal metal-film resistors, which are laser-trimmed to accurate
absolute values. The accuracy and temperature coefficient of these resistors are included in the gain accuracy
and drift specifications.
The stability and temperature drift of the external gain setting resistor, RG, also affects gain. The RG contribution
to gain accuracy and drift can be directly inferred from Equation 1. Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring resistance, which contributes additional gain error in
gains of approximately 100 or greater.
8.2.2.2 Offset Trimming
The INAx126 family features low offset voltage and offset voltage drift. Most applications require no external
offset adjustment. Figure 8-2 shows an optional circuit for trimming the output offset voltage. The voltage applied
to the Ref pin is added to the output signal. An operational amplifier buffer provides low impedance at the Ref pin
to preserve good common-mode rejection.
10kΩ
OPA237
±10mV
Adjustment Range
100Ω
100Ω
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
R
G
INA126
Ref
V
O
V
IN
–
V
IN
+
Dual version has
external sense connection.
Figure 8-2. Optional Trimming of Output Offset Voltage
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com