Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA126E/2K5 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA126E/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA126E/2K5 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA126E/2K5 Datasheet HTML 13Page - Texas Instruments INA126E/2K5 Datasheet HTML 14Page - Texas Instruments INA126E/2K5 Datasheet HTML 15Page - Texas Instruments INA126E/2K5 Datasheet HTML 16Page - Texas Instruments INA126E/2K5 Datasheet HTML 17Page - Texas Instruments INA126E/2K5 Datasheet HTML 18Page - Texas Instruments INA126E/2K5 Datasheet HTML 19Page - Texas Instruments INA126E/2K5 Datasheet HTML 20Page - Texas Instruments INA126E/2K5 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
9 Power Supply Recommendations
9.1 Low-Voltage Operation
The INAx126 can be operated on power supplies as low as ±1.35 V. Performance remains excellent with power
supplies ranging from ±1.35 V to ±18 V. Most parameters vary only slightly throughout this supply voltage
range (see Section 6.7). Operation at low supply voltage requires careful attention to make sure that the
common-mode voltage remains within the linear range (see Figure 6-5 and Figure 6-6).
The INAx126 operates from a single power supply with careful attention to input common-mode range, output
voltage swing of both op amps, and the voltage applied to the Ref pin. Figure 9-1 shows a bridge amplifier circuit
operated from a single 5-V power supply. The bridge provides an input common-mode voltage near 2.5 V, with a
relatively small differential voltage.
40kΩ
10kΩ
10kΩ
40kΩ
INA126
5
1.2V
4
4
6 8
2
1
8
3
7
6
R
G
R
1
1kΩ
C
1
0.47µF
R
2
1kΩ
+5V
R
1, C1, R2:
340Hz LP
Bridge
Sensor
2.5V –∆V
2.5V + ∆V
REF1004C-1.2
33µA
2
3
1
+IN
–IN
V
REF
D
ADS7817
12-Bit
A/D
C
S
Ck
6
Serial
Data
Chip
Select
INA126 and ADS7817
are available in fine-pitch
MSOP-8 package
Dual version has external
sense connection. Pin numbers
shown are for single version.
Clock
5
7
4
8
A
2
A
1
The ADS7817’s VREF input current is proportional to conversion rate. A
conversion rate of 10kS/s or slower assures enough current to turn on the
reference diode. Converter input range is ±1.2V. Output swing limitation of
INA126 limits the A/D converter to somewhat greater than 11 bits of range.
A similar instrumentation amplifier, INA125, provides
an internal reference voltage for sensor excitation
and/or A/D converter reference.
Figure 9-1. Bridge Signal Acquisition, Single 5-V Supply
www.ti.com
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com