Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM46000PWP Datasheet(PDF) 24 Page - Texas Instruments

Part # LM46000PWP
Description  LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46000PWP Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM46000PWP Datasheet HTML 20Page - Texas Instruments LM46000PWP Datasheet HTML 21Page - Texas Instruments LM46000PWP Datasheet HTML 22Page - Texas Instruments LM46000PWP Datasheet HTML 23Page - Texas Instruments LM46000PWP Datasheet HTML 24Page - Texas Instruments LM46000PWP Datasheet HTML 25Page - Texas Instruments LM46000PWP Datasheet HTML 26Page - Texas Instruments LM46000PWP Datasheet HTML 27Page - Texas Instruments LM46000PWP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
24
LM46000
SNVSA45B – JUNE 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM46000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.4 CCM Mode
CCM operation is employed in the LM46000 when the load current is higher than half of the peak-to-peak
inductor current. In CCM operation, the frequency of operation is fixed unless the minimum HS switch ON-time
(TON_MIN), the minimum HS switch OFF-time (TOFF_MIN) or LS current limit is exceeded. Output voltage ripple is at
a minimum in this mode, and the maximum output current of 0.5 A can be supplied by the LM46000.
7.4.5 Light Load Operation
When the load current is lower than half of the peak-to-peak inductor current in CCM, the LM46000 operates in
DCM , also known as diode emulation mode (DEM). In DCM operation, the LS FET is turned off when the
inductor current drops to 0 A to improve efficiency. Both switching losses and conduction losses are reduced in
DCM, comparing to forced PWM operation at light load.
At even lighter current loads, PFM is activated to maintain high efficiency operation. When the HS switch ON-
time reduces to TON-MIN or peak inductor current reduces to its minimum IPEAK-MIN, the switching frequency reduce
sto maintain proper regulation. Efficiency is greatly improved by reducing switching and gate drive losses.
7.4.6 Self-Bias Mode
For highest efficiency of operation, TI recommends that the BIAS pin be connected directly to VOUT when VOUT ≥
3.3 V. In this self-bias mode of operation, the difference between the input and output voltages of the internal
LDO are reduced, and therefore the total efficiency of the LM46000 is improved. These efficiency gains are more
evident during light load operation. During this mode of operation, the LM46000 operates with a minimum
quiescent current of 24 µA (typical). See VCC, UVLO, and BIAS for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com