Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM46000PWP Datasheet(PDF) 39 Page - Texas Instruments

Part # LM46000PWP
Description  LM46000 3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM46000PWP Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM46000PWP Datasheet HTML 35Page - Texas Instruments LM46000PWP Datasheet HTML 36Page - Texas Instruments LM46000PWP Datasheet HTML 37Page - Texas Instruments LM46000PWP Datasheet HTML 38Page - Texas Instruments LM46000PWP Datasheet HTML 39Page - Texas Instruments LM46000PWP Datasheet HTML 40Page - Texas Instruments LM46000PWP Datasheet HTML 41Page - Texas Instruments LM46000PWP Datasheet HTML 42Page - Texas Instruments LM46000PWP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Time (200 µs/DIV)
ILOAD (500 mA/DIV)
VOUT (1 V/DIV)
IL (500 mA/DIV)
0
0.1
0.2
0.3
0.4
0.5
0.6
50
60
70
80
90
100
110
120
Temperature (
ƒC)
R,JA = 10
ƒC/W
R,JA = 20
ƒC/W
C001
23.0
23.2
23.4
23.6
23.8
24.0
24.2
24.4
24.6
24.8
25.0
0.001
0.01
0.1
Load Current (A)
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C018
22.0
22.5
23.0
23.5
24.0
24.5
24.0
24.5
25.0
25.5
26.0
VIN (V)
Load = 0.2A
Load = 0.3A
Load = 0.4A
Load = 0.5A
C028
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
Load Current (A)
VIN = 36V
VIN = 42V
VIN = 48V
VIN = 60V
C008
SW
CBOOT
VCC
BIAS
RT
FB
LM46000
VOUT
RFBT
RFBB
CBIAS
2.2 µF
1 µF
0.47 µF
L=120 µH
15 µF
1 M
Ÿ
43.2
k
Ÿ
COUT
CBOOT
CVCC
VOUT = 24 V FS = 500 kHz
82 pF
CFF
39
LM46000
www.ti.com
SNVSA45B – JUNE 2014 – REVISED MARCH 2018
Product Folder Links: LM46000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
See Table 2 for bill of materials for each VOUT and FS combination. Unless otherwise stated, application performance curves
were taken at TA = 25°C.
VOUT = 24 V
FS = 500 kHz
VIN = 48 V
Figure 77. BOM for VOUT = 24 V, FS = 500 kHz
VOUT = 24 V
FS = 500 kHz
Figure 78. Efficiency
VOUT = 24 V
FS = 500 kHz
Figure 79. Output Voltage Regulation
VOUT = 24 V
FS = 500 kHz
Figure 80. Dropout Curve
VOUT = 24 V
FS = 500 kHz
VIN = 48 V
Figure 81. Load Transient Between 0.05 A and 0.5 A
VOUT = 24 V
FS = 500 kHz
VIN = 48 V
Figure 82. Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com