Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM567CM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM567CM/NOPB
Description  LM567x Tone Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM567CM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM567CM/NOPB Datasheet HTML 1Page - Texas Instruments LM567CM/NOPB Datasheet HTML 2Page - Texas Instruments LM567CM/NOPB Datasheet HTML 3Page - Texas Instruments LM567CM/NOPB Datasheet HTML 4Page - Texas Instruments LM567CM/NOPB Datasheet HTML 5Page - Texas Instruments LM567CM/NOPB Datasheet HTML 6Page - Texas Instruments LM567CM/NOPB Datasheet HTML 7Page - Texas Instruments LM567CM/NOPB Datasheet HTML 8Page - Texas Instruments LM567CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
See (1) (2)
MIN
MAX
UNIT
Supply Voltage Pin
9
V
Power Dissipation(1)
1100
mW
V8
15
V
V3
−10
V
V3
V4 + 0.5
V
Operating Temperature Range
LM567CM, LM567CN
0
70
°C
PDIP Package
Soldering (10 s)
260
°C
SOIC Package
Vapor Phase (60 s)
215
°C
Infrared (15 s)
220
°C
Storage temperature range, Tstg
−65
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions
indicate conditions for which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC
and AC electrical specifications under particular test conditions which ensure specific performance limits. This assumes that the device
is within the Recommended Operating Conditions. Specifications are not ensured for parameters where no limit is given, however, the
typical value is a good indication of device performance.
(2)
See http://www.ti.com for other methods of soldering surface mount devices.
7.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply Voltage
3.5
8.5
V
VIN
Input Voltage Level
–8.5
8.5
V
TA
Operating Temperature Range
–20
120
°C
7.3 Thermal Information
THERMAL METRIC(1)
LM567C
UNIT
D (SOIC)
P (PDIP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
107.5
53.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.6
42.3
RθJB
Junction-to-board thermal resistance
47.5
30.2
ψJT
Junction-to-top characterization parameter
10.0
19.6
ψJB
Junction-to-board characterization parameter
47.0
30.1
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, (SPRA953).
LM567, LM567C
SNOSBQ4F – MAY 1999 – REVISED JANUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM567 LM567C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com