Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM567CM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM567CM/NOPB
Description  LM567x Tone Decoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM567CM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM567CM/NOPB Datasheet HTML 6Page - Texas Instruments LM567CM/NOPB Datasheet HTML 7Page - Texas Instruments LM567CM/NOPB Datasheet HTML 8Page - Texas Instruments LM567CM/NOPB Datasheet HTML 9Page - Texas Instruments LM567CM/NOPB Datasheet HTML 10Page - Texas Instruments LM567CM/NOPB Datasheet HTML 11Page - Texas Instruments LM567CM/NOPB Datasheet HTML 12Page - Texas Instruments LM567CM/NOPB Datasheet HTML 13Page - Texas Instruments LM567CM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Table 9-1. Die and Wafer Characteristics
Fabrication Attributes
General Die Information
Physical Die Identification
LM567C
Bond Pad Opening Size (min)
91µm x 91µm
Die Step
C
Bond Pad Metalization
0.5% COPPER_BAL.
ALUMINUM
Physical Attributes
Passivation
VOM NITRIDE
Wafer Diameter
150mm
Back Side Metal
BARE BACK
Dise Size (Drawn)
1600µm x 1626µm
63.0mils x 64.0mils
Back Side Connection
Floating
Thickness
406µm Nominal
Min Pitch
198µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (C - Step)
(Referenced to die center, coordinates in µm) NC = No Connection, N.U. = Not Used
SIGNAL NAME
PAD# NUMBER
X/Y COORDINATES
PAD SIZE
X
Y
X
Y
OUTPUT FILTER
1
-673
686
91
x
91
LOOP FILTER
2
-673
-419
91
x
91
INPUT
3
-673
-686
91
x
91
V+
4
-356
-686
91
x
91
TIMING RES
5
673
-122
91
x
91
TIMING CAP
6
673
76
91
x
91
GND
7
178
686
117
x
91
OUTPUT
8
-318
679
117
x
104
9.4 Device Functional Modes
9.4.1 Operation With Vi < 200m – VRMS
When the input signal is below a threshold voltage, typically 200m-VRMS, the bandwidth of the detection band
should be calculated Equation 2.
where
• Vi = Input voltage (volts rms), Vi ≤ 200mV
• C2 = Capacitance at Pin 2(μF)
LM567, LM567C
SNOSBQ4F – MAY 1999 – REVISED JANUARY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM567 LM567C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com