Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660AIN/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMC660AIN/NOPB
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660AIN/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMC660AIN/NOPB Datasheet HTML 10Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 11Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 12Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 13Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 14Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 15Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 16Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 17Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
However, if the feedback pole is less than approximately 6 to 10 times the ideal −3dB frequency, connect a
feedback capacitor, CF, between the output and the inverting input of the op amp. This condition can also be
stated in terms of the amplifier low-frequency noise gain. To maintain stability, a feedback capacitor is probably
be needed if:
RFRIN+1 ≤ 6×2π×GBW×RF×CS
(2)
where
RFRIN+1 istheamplifierlow-frequencynoisegainandGBWistheamplifiergainbandwidthproduct.An
amplifier low-frequency noise gain is represented by the following formula, regardless of whether the amplifier is
being used in an inverting or noninverting mode:
RFRIN+1
(3)
A feedback capacitor is more likely to be needed when the noise gain is low, the feedback resistor is large, or
both.
If the previous condition is met (indicating that a feedback capacitor is probably needed), and the noise gain is
large enough that:
RFRIN+1 ≤ 2GBW×RF×CS
(4)
the following value of feedback capacitor is recommended:
CF= CS
2 RFRIN+1 
(5)
If
RFRIN+1 < 2 GBW×RF×CS,thensetthefeedbackcapacitorto:
CF= CSGBW×RF 
(6)
These capacitor values are usually significantly smaller than those given by the older, more conservative
formula:
CF=CSRINRF 
(7)
CS consists of the amplifier input capacitance plus any stray capacitance from the circuit board and socket. CF compensates for the pole
caused by CS and the feedback resistor.
Figure 6-2. General Operational Amplifier Circuit
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com