Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660AIN/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC660AIN/NOPB
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660AIN/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMC660AIN/NOPB Datasheet HTML 1Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 2Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 3Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 4Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 5Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 6Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 7Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 8Page - Texas Instruments LMC660AIN/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
OUT A
14
OUT D
2
±IN A
13
±IN D
3
+IN A
12
+IN D
4
V+
11
V±
5
+IN B
10
+IN C
6
±IN B
9
±IN C
7
OUT B
8
OUT C
Not to scale
Figure 4-2. LMC660 D Package, 14-Pin SOIC, and P package, 14-Pin PDIP (Top View)
Table 4-2. LMC660 Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
+IN A
3
Input
Noninverting input, channel A
+IN B
5
Input
Noninverting input, channel B
+IN C
10
Input
Noninverting input, channel C
+IN D
12
Input
Noninverting input, channel D
–IN A
2
Input
Inverting input, channel A
–IN B
6
Input
Inverting input, channel B
–IN C
9
Input
Inverting input, channel C
–IN D
13
Input
Inverting input, channel D
OUT A
1
Output
Output, channel A
OUT B
7
Output
Output, channel B
OUT C
8
Output
Output, channel C
OUT D
14
Output
Output, channel D
V+
4
—
Positive (highest) power supply
V–
11
—
Negative (lowest) power supply
www.ti.com
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com