Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CM/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LMC660CM/NOPB
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660CM/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMC660CM/NOPB Datasheet HTML 21Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 22Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 23Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 24Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 25Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 26Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 27Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 28Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LMC660AIM/NOPB
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
-40 to 85
LMC660AIM
LMC660AIMX/NOPB
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
LMC660AIM
LMC660AIMX/NOPB.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LMC660AIM
LMC660AIMX/NOPB.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LMC660AIM
LMC660AIN/NOPB
Obsolete
Production
PDIP (N) | 14
-
-
Call TI
Call TI
-40 to 85
LMC660AIN
LMC660CM/NOPB
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
0 to 70
LMC660CM
LMC660CMX/NOPB
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LMC660CM
LMC660CMX/NOPB.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LMC660CM
LMC660CMX/NOPB.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LMC660CM
LMC660CN/NOPB
Obsolete
Production
PDIP (N) | 14
-
-
Call TI
Call TI
0 to 70
LMC660CN
LMC662AIMX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
LMC66
2AIM
LMC662AIMX/NOPB.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LMC66
2AIM
LMC662AIN/NOPB
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
-40 to 85
LMC
662AIN
LMC662AIN/NOPB.A
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
-40 to 85
LMC
662AIN
LMC662AIN/NOPB.B
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
-40 to 85
LMC
662AIN
LMC662CM/NOPB
Obsolete
Production
SOIC (D) | 8
-
-
Call TI
Call TI
0 to 70
LMC66
2CM
LMC662CMX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
0 to 70
LMC66
2CM
LMC662CMX/NOPB.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LMC66
2CM
LMC662CMX/NOPB.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LMC66
2CM
LMC662CN/NOPB
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
0 to 70
LMC
662CN
LMC662CN/NOPB.A
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
0 to 70
LMC
662CN
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com