Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CM/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC660CM/NOPB
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660CM/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC660CM/NOPB Datasheet HTML 5Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 6Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 7Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 8Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 9Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 10Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 11Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 12Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
5.6 Electrical Characteristics (continued)
at TA = +25°C, VS = 5V (V– = 0V), VCM = 1.5V, VOUT = VS / 2, and RL = 1MΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISC
Short-circuit current
Sourcing,
VS = 5V, VOUT = 0V
LMC66xAI
16
22
mA
LMC66xAI, TA = –40°C to +85°C
14
LMC66xC
13
22
LMC66xC, TA = 0°C to 70°C
11
Sinking,
VS = 5V, VOUT = 13V
LMC66xAI
16
21
LMC66xAI, TA = –40°C to +85°C
14
LMC66xC
13
21
LMC66xC, TA = 0°C to 70°C
11
Sourcing,
VS = 15V, VOUT = 0V
LMC66xAI
28
40
LMC66xAI, TA = –40°C to +85°C
25
LMC66xC
23
40
LMC66xC, TA = 0°C to 70°C
21
Sinking,
VS = 15V, VOUT = 13V(1)
LMC66xAI
28
39
LMC66xAI, TA = –40°C to +85°C
24
LMC66xC
23
39
LMC66xC, TA = 0°C to 70°C
20
POWER SUPPLY
IQ
Quiescent current per
amplifier
LMC662
VOUT = 7.5V, VS = 15V
LMC662AI
375
650
µA
LMC662AI, TA = –40°C to +85°C
750
LMC662C
375
800
LMC662C, TA = 0°C to 70°C
900
LMC660
VOUT = 7.5V, VS = 15V
LMC660AI
375
550
LMC660AI, TA = –40°C to +85°C
650
LMC660C
375
675
LMC660C, TA = 0°C to 70°C
725
(1)
Do not connect output to V+ when V+ is greater than 13V or reliability can be adversely affected.
(2)
Specification limit established from device population bench system measurements across multiple lots. Number specified is the
slower of the positive and negative slew rates.
www.ti.com
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com