Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMC660CMX/NOPB
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660CMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMC660CMX/NOPB Datasheet HTML 15Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 16Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 17Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 18Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 19Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 20Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 21Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 22Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
fO = 10Hz, Q = 2.1, gain = −8.8
Figure 6-12. 10Hz Band-Pass Filter
fc = 10Hz, d = 0.895, gain = 1, 2dB pass-band ripple
Figure 6-13. 10Hz High-Pass Filter
Figure 6-14. 1Hz Low Pass Filter
(Maximally Flat, Dual Supply Only)
www.ti.com
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com