Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC660CMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LMC660CMX/NOPB
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660CMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC660CMX/NOPB Datasheet HTML 4Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 5Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 6Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 7Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 8Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 9Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 10Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 11Page - Texas Instruments LMC660CMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
5.6 Electrical Characteristics (continued)
at TA = +25°C, VS = 5V (V– = 0V), VCM = 1.5V, VOUT = VS / 2, and RL = 1MΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing
Positive rail,
VS = 5V, RL = 2kΩ
LMC66xAI
4.82
4.87
V
LMC66xAI, TA = –40°C to +85°C
4.79
LMC66xC
4.78
4.87
LMC66xC, TA = 0°C to 70°C
4.76
Negative rail,
VS = 5V, RL = 2kΩ
LMC66xAI
0.10
0.15
LMC66xAI, TA = –40°C to +85°C
0.17
LMC66xC
0.10
0.19
LMC66xC, TA = 0°C to 70°C
0.21
Positive rail,
VS = 5V, RL = 600Ω
LMC66xAI
4.41
4.61
LMC66xAI, TA = –40°C to +85°C
4.31
LMC66xC
4.27
4.61
LMC66xC, TA = 0°C to 70°C
4.21
Negative rail,
VS = 5V, RL = 600Ω
LMC66xAI
0.30
0.50
LMC66xAI, TA = –40°C to +85°C
0.56
LMC66xC
0.30
0.63
LMC66xC, TA = 0°C to 70°C
0.69
Positive rail,
VS = 15V, RL = 2kΩ
LMC66xAI
14.50
14.63
LMC66xAI, TA = –40°C to +85°C
14.44
LMC66xC
14.37
14.63
LMC66xC, TA = 0°C to 70°C
14.32
Negative rail,
VS = 15V, RL = 2kΩ
LMC66xAI
0.26
0.35
LMC66xAI, TA = –40°C to +85°C
0.40
LMC66xC
0.26
0.44
LMC66xC, TA = 0°C to 70°C
0.48
Positive rail,
VS = 15V, RL = 600Ω
LMC66xAI
13.35
13.90
LMC66xAI, TA = –40°C to +85°C
13.15
LMC66xC
12.92
13.90
LMC66xC, TA = 0°C to 70°C
12.76
Negative rail,
VS = 15V, RL = 600Ω
LMC66xAI
0.79
1.16
LMC66xAI, TA = –40°C to +85°C
1.32
LMC66xC
0.79
1.45
LMC66xC, TA = 0°C to 70°C
1.58
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC660 LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com