Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6484AIMX/NOPB.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LMC6484AIMX/NOPB.B
Description  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIMX/NOPB.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC6484AIMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 9Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 10Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 11Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
5.6 Electrical Characteristics: VS = 5V (continued)
at TJ = +25°C, V+ = 5V, V– = 0V, VCM = VOUT = V+ / 2, and RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Supply current
Per amplifier, V+ = 5V,
VO = V+ / 2
0.5
0.7
mA
TA = –40°C to +85°C
0.9
Per amplifier, V+ = 15V,
VO = V+ / 2
LMC6482
0.65
0.8
LMC6484
0.65
0.75
TA = –40°C to +85°C
0.95
AC SPECS
SR
Slew rate(2)
LMC648xAI
V+ = 15V, 10V step
1
1.3
V/µs
TA = –40°C to +85°C
0.7
LMC648xI
V+ = 15V, 10V step
0.9
1.3
TA = –40°C to +85°C
0.63
GBW
Gain bandwidth
V+ = 15V
1.5
MHz
Θm
Phase margin
50
Deg
Gm
Gain margin
15
dB
Amp-to-amp isolation
V+ = 15V, RL = 100kΩ to 7.5V, VO = 12VPP, f = 1kHz
150
dB
en
Input-referred voltage
noise
f = 1kHz, VCM = 1V
37
nV/√Hz
in
Input current noise
density
f = 1kHz
0.03
pA/√Hz
THD
Total harmonic distortion f = 10kHz, AV = –2, RL = 10kΩ
VO = 8.5VPP
0.01
%
V+ = 10V, VO = 4.1VPP
0.01
(1)
Do not short circuit output to V+, when V+ is greater than 13V or reliability is adversely affected.
(2)
Specification established from device population bench system measurements across multiple lots. Number specified is the slower of
either the positive or negative slew rates.
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com