Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTC-TA-32.768KHZ-2 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-RTC-TA-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TA-32.768KHZ-2 Datasheet(HTML) 4 Page - Abracon Corporation

  AB-RTC-TA-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AB-RTC-TA-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision:
Initial Release 12/5/2024
Page 4
Disclaimer
Check Inventory
R
t S
l
lign
Request Samples
Parameters
Symbol Min. Typ. Max. Units
Notes
Startconditionsetuptime[Note1] tHD;STA 0.6
us
Startconditionholdtime[Note1] tSU;STA 0.6
us
Stop condition setup time
tSU;STO
0.6
us
Bus idle time between start
condition and stop condition
tRCV
1.3
us
Data setup time
tSU;DAT
100
ns
Data hold time
tHD;DAT
0
0.9
ns
I2C clock signal (pad 6)
SCL
SCL clock frequency
fSCL
400
kHz
SCL low voltage time
tLOW
1.3
us
SCL high voltage time
tHIGH
0.6
us
SCL rising time
tr
0.3
us
SCL falling time
tf
0.3
us
I2C data signal (pad 5)
SDA
SDA rising time
tr
0.3
us
SDA falling time
tf
0.3
us
AC Characteristics (Unless otherwise specified, VDD =2.5V ~ 5.5V; Ta=-40
℃~+85℃)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com