Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTC-TA-32.768KHZ-2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTC-TA-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TA-32.768KHZ-2 Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTC-TA-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation AB-RTC-TA-32.768KHZ-2 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AB-RTC-TA-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision:
Initial Release 12/5/2024
Page 1
Disclaimer
Check Inventory
R
t S
l
lign
Request Samples
Description
1) HBM: Human Body Model, according to JESD22-A114.
2) MM: Machine Model, according to JESD22-A115.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions above those indicated in the operational sections of this specification is not
intended. Exposure to maximum rating conditions for extended periods may affect device reliability. The data sheet limits are not guaranteed if the
device is operated beyond the recommended operating conditions.
Parameters
Symbol Min. Typ. Max. Units Notes
SupplyVoltage
VDD -0.3
6.5 V
I/O Input Voltage
VIN
GND-0.3
6.5
V
SCL,SDA input
Clock output Voltage
VOut1
GND-0.3
6.5
V
SDA output
Operating Ambient Temperature Range
TOPR
-40
85
℃
Storage Temperature Range
TSTO
-55
125
℃
Reflow Temperature
+260
℃
See Reflow Profile
ESD Protection
VESD
4kV HBM,400V MM,2kV CDM ,1),2)
Abracon’s AB-RTC-TA-32.768kHz-2 Real-Time Clock (RTC) uses I2C communication
interface to configure numerous features. These include frequency output selection of
32.768kHz, 1024Hz or 1 Hz, a leap year autocorrection, internal temperature sensing
capability, and a temperature compensation function. The RTC has a broad operating
power supply range of 2.5V to 5.5V with low power consumption. The RTC’s integrated
32.768kHz crystal provides precise timing accuracy in a SOP-8 4.9 x 6.0 mm package.
Build-in frequency adjusted 32.768kHz crystal unit
Build-in Temperature Sensor
Low current consumption: 1.0uA (Typ.)
Communication interface: I2C bus
Leap years autocorrection
Frequency selection of (32.768kHz, 1024Hz, or 1Hz)
REACH/RoHS II Compliant | MSL Level 3
Features
Typical Applications
Absolute Maximum Ratings
IoT, Wireless communication
Medical instrumentation
Utility meters
Data loggers and Appliances
Consumer electronics


Similar Part No. - AB-RTC-TA-32.768KHZ-2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTC-TC ABRACON-AB-RTC-TC Datasheet
814Kb / 9P
Real Time Clock Module with I2C Bus
A 8/4/2025
AB-RTC-TC-32.768KHZ-2 ABRACON-AB-RTC-TC-32.768KHZ-2 Datasheet
814Kb / 9P
Real Time Clock Module with I2C Bus
A 8/4/2025
AB-RTC-TH ABRACON-AB-RTC-TH Datasheet
683Kb / 9P
Real Time Clock Module with I2C Bus
12/10/2024
AB-RTC-TH-32.768KHZ-2 ABRACON-AB-RTC-TH-32.768KHZ-2 Datasheet
683Kb / 9P
Real Time Clock Module with I2C Bus
12/10/2024
AB-RTC-TH-32.768KHZ-2 ABRACON-AB-RTC-TH-32.768KHZ-2 Datasheet
683Kb / 9P
Real Time Clock Module with I2C Bus
12/10/2024
More results

Similar Description - AB-RTC-TA-32.768KHZ-2

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C3 MICROCRYSTAL-RV-3029-C3 Datasheet
502Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
Real Time Clock Module with I2C Bus
RV-2251-C3 MICROCRYSTAL-RV-2251-C3 Datasheet
364Kb / 2P
Real Time Clock Module with I2C Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
logo
MICORO CRYSTAL SWITZERL...
RV-3029-C2 MICROCRYSTAL-RV-3029-C2_16 Datasheet
443Kb / 2P
Real Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_16 Datasheet
371Kb / 2P
Real Time Clock Module with I2C Bus
RV-8564-C3 MICROCRYSTAL-RV-8564-C3_17 Datasheet
978Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-4162-C7 MICROCRYSTAL-RV-4162-C7_18 Datasheet
996Kb / 2P
Real Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_18 Datasheet
980Kb / 2P
Real-Time Clock Module with I2C-Bus
RV-8803-C7 MICROCRYSTAL-RV-8803-C7_18 Datasheet
992Kb / 2P
Real-Time Clock Module with I2C-Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com