Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94MQ6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T94MQ6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T94MQ6F Datasheet HTML 5Page - STMicroelectronics M41T94MQ6F Datasheet HTML 6Page - STMicroelectronics M41T94MQ6F Datasheet HTML 7Page - STMicroelectronics M41T94MQ6F Datasheet HTML 8Page - STMicroelectronics M41T94MQ6F Datasheet HTML 9Page - STMicroelectronics M41T94MQ6F Datasheet HTML 10Page - STMicroelectronics M41T94MQ6F Datasheet HTML 11Page - STMicroelectronics M41T94MQ6F Datasheet HTML 12Page - STMicroelectronics M41T94MQ6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DocID7564 Rev 8
9/39
M41T94
Description
39
Figure 4. Block diagram
1. Open drain output
Figure 5. Hardware hookup
1. CPOL (clock polarity) and CPHA (clock phase) are bits that may be set in the SPI control register of the MCU.
AI04785
COMPARE
VPFD = 4.4V
VCC
COMPARE
VSO = 2.5V
VBL= 2.5V
BL
COMPARE
Crystal
SPI
INTERFACE
REAL TIME CLOCK
CALENDAR
44 BYTES
USER RAM
RTC w/ALARM
& CALIBRATION
WATCHDOG
SQUARE WAVE
SDO
E
SDI
SCL
RSTIN1
POR
SQW
RST
(1)
WDI
WDF
AF
IRQ/FT/OUT
(1)
VBAT
32KHz
OSCILLATOR
RSTIN2
(2.65V if THS = V
SS
)
AI03686
Master
(ST6, ST7, ST9,
ST10, Others)
SPI Interface with
(CPOL, CPHA)(1) =
('0','0') or ('1','1')
D
Q
C
CS3
CS2
CS1
M41T94
E
XXXXX
C
Q
D
XXXXX
C
Q
D
E
E
C
Q
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com