Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94MQ6F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M41T94MQ6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41T94MQ6F Datasheet HTML 24Page - STMicroelectronics M41T94MQ6F Datasheet HTML 25Page - STMicroelectronics M41T94MQ6F Datasheet HTML 26Page - STMicroelectronics M41T94MQ6F Datasheet HTML 27Page - STMicroelectronics M41T94MQ6F Datasheet HTML 28Page - STMicroelectronics M41T94MQ6F Datasheet HTML 29Page - STMicroelectronics M41T94MQ6F Datasheet HTML 30Page - STMicroelectronics M41T94MQ6F Datasheet HTML 31Page - STMicroelectronics M41T94MQ6F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
DC and AC parameters
M41T94
28/39
DocID7564 Rev 8
6
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Figure 16. AC testing input/output waveforms
Table 11. DC and AC measurement conditions(1)
1. Output Hi-Z is defined as the point where data is no longer driven.
Parameter
M41T94
VCC supply voltage
2.7 to 5.5 V
Ambient operating temperature
–40 to 85°C
Load capacitance (CL)
100 pF
Input rise and fall times
≤ 50 ns
Input pulse voltages
0.2 to 0.8VCC
Input and output timing ref. voltages
0.3 to 0.7VCC
Table 12. Capacitance
Symbol
Parameter(1)(2)
1. Effective capacitance measured with power supply at 5 V; sampled only, not 100% tested.
2. At 25°C, f = 1 MHz.
Min
Max
Unit
CIN
Input capacitance
7
pF
COUT
(3)
3. Outputs are deselected.
Output capacitance
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
50
ns
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com