Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0204DRGYRG4.B Datasheet(PDF) 18 Page - Texas Instruments

Part # LSF0204DRGYRG4.B
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button LSF0204DRGYRG4.B Datasheet HTML 14Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 15Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 16Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 17Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 18Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 19Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 20Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 21Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
10.2.3 Multiple Voltage Translation in Single Device, Application
EN
A1
A2
B1
B2
Vcc
Rpu
Rpu
MDC
MDIO
Vcc
MDC
MDIO
GND
Rpu
Rpu
A3
A4
B3
B4
ON
Off
1.8 V
enable signal
SW
SW
SW
SW
LSF0204
Vpu_2 = 1.8 V
Vrev_A = 1.8 V
Vrev_B = 3.3 V
Vpu_1 = 3.3 V
Vcc
GPIO
GPIO
Vpu = 1.0 V
Rpu
10.2.3.1 Design Requirements
Refer to Design Requirements.
10.2.3.2 Detailed Design Procedure
Refer to Detailed Design Procedure
10.2.3.3 Application Curve
Output
Input
Time (ns)
0
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Figure 10-6. Translation Down (3.3 V to 1.8 V) at 150 MHz
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com