Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0204DRGYRG4.B Datasheet(PDF) 36 Page - Texas Instruments

Part # LSF0204DRGYRG4.B
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4.B Datasheet(HTML) 36 Page - Texas Instruments

Back Button LSF0204DRGYRG4.B Datasheet HTML 31Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 32Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 33Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 34Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 35Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 36Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 37Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 38Page - Texas Instruments LSF0204DRGYRG4.B Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
12X
0.25
0.15
12X
0.6
0.4
2X
1.6
10X 0.4
0.55 MAX
0.05
0.00
B
1.8
1.6
A
2.1
1.9
0.6
0.4
0.25
0.15
(0.15)
(0.15) TYP
4220310/A 11/2016
UQFN - 0.55 mm max height
RUT0012A
PLASTIC QUAD FLATPACK - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
5
6
12
(OPTIONAL)
PIN 1 ID
0.1
C B A
0.05
C
SYMM
SYMM
11
7
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 6.800
OPTIONAL TERMINAL & PIN 1 ID
PIN 1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com