Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30H100C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30H100C
Description  100 V power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H100C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30H100C_V01 Datasheet HTML 1Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 2Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 3Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 4Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 5Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 6Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 7Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 8Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
A1
K
A2
A1
K
A2
TO-220AB
TO-247
K
K
A2
A1
Features
•
Negligible switching losses
•
Low leakage current
•
Good trade off between leakage current and forward voltage drop
•
Avalanche rated
•
ECOPACK®2 compliant
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
LED lighting
Description
This dual Schottky rectifier is designed for high frequency miniature switch mode
power supplies such as adaptors and on-board DC-DC converters.
Packaged in TO-200AB and TO-247, this STPS30H100C is optimized for use in high
frequency inverters.
Product status link
STPS30H100C
Product summary
IF(AV)
2 x 15 A
VRRM
100 V
Tj (max)
175 °C
VF (typ)
0.64 V
100 V power Schottky rectifier
STPS30H100C
Datasheet
DS1560 - Rev 9 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS30H100C_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30H100CT STMICROELECTRONICS-STPS30H100CT Datasheet
66Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Inchange Semiconductor ...
STPS30H100CT ISC-STPS30H100CT Datasheet
319Kb / 2P
Schottky Barrier Rectifiers
logo
STMicroelectronics
STPS30H100CW STMICROELECTRONICS-STPS30H100CW Datasheet
51Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-1999
STPS30H100CW STMICROELECTRONICS-STPS30H100CW Datasheet
66Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Inchange Semiconductor ...
STPS30H100CW ISC-STPS30H100CW Datasheet
284Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - STPS30H100C_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100C STMICROELECTRONICS-STPS20H100C_11 Datasheet
138Kb / 11P
100 V power Schottky rectifier
22-Sep-2011
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS5H100SF STMICROELECTRONICS-STPS5H100SF Datasheet
323Kb / 9P
100 V power Schottky rectifier
July 2018 Rev 1
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
100 V power Schottky rectifier
30-Jul-2018
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com