Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30H100C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30H100C
Description  100 V power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30H100C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30H100C_V01 Datasheet HTML 1Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 2Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 3Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 4Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 5Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 6Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 7Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 8Page - STMicroelectronics STPS30H100C_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Table 3. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
5
µA
Tj = 125 °C
-
2
6
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
0.80
V
Tj = 125 °C
-
0.64
0.67
Tj = 25 °C
IF = 30 A
-
0.93
Tj = 125 °C
-
0.74
0.80
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.54 x IF(AV) + 0.0086 IF2(RMS)
For more information, please refer to the following application notes related to the power losses :
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
STPS30H100C
Characteristics
DS1560 - Rev 9
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com