Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6268IUDX Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM8AF6268IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6268IUDX Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM8AF6268IUDX Datasheet HTML 91Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 92Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 93Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 94Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 95Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 96Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 97Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 98Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
Revision history
STM8AF6246/48/66/68
98/99
DocID14952 Rev 11
09-Jun-2015
10
Updated:
– the product naming in the document headers and captions,
– LIN version in Features and Section 5.9.3: Universal
asynchronous receiver/transmitter with LIN support (LINUART).
Added:
– the third table footnote to Table 22: Operating conditions at power-
up/power-down,
– Figure 44: VFQFPN32 marking example (package top view),
– Figure 47: LQFP48 marking example (package top view),
– Figure 50: LQFP32 marking example (package top view),
– the note about the parts marked “E” and “ES” below Figure 51:
STM8AF6246/48/66/68 ordering information scheme(1) (2),
– the standard for EMI characteristics in Table 43: EMI data.
Removed the references to STM8AF61xx and STM8AH61xx
obsolete products.
Moved Section 11.4: Thermal characteristics to Section 11: Package
information.
14-Jun-2016
11
Update Table 46: VFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch very
thin profile fine pitch quad flat package mechanical data
Table 50. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com