Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6268IUDX Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8AF6268IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6268IUDX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8AF6268IUDX Datasheet HTML 26Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 27Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 28Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 29Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 30Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 31Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 32Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 33Page - STMicroelectronics STM8AF6268IUDX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
Pinouts and pin description
STM8AF6246/48/66/68
30/99
DocID14952 Rev 11
24
PE6/AIN9
I/O X
XX
-
O1 X
X Port E7 Analog input 9
-
25
17 PE5/SPI_NSS
I/O X
XX
-
O1 X
X Port E5 SPI master/slave select -
26
18 PC1/TIM1_CH1
I/O X
XX HS O3 X
X Port C1 Timer 1 - channel 1
-
27
19 PC2/TIM1_CH2
I/O X
XX HS O3 X
X Port C2 Timer 1- channel 2
-
28
20 PC3/TIM1_CH3
I/O X
XX HS O3 X
X Port C3 Timer 1 - channel 3
-
29
21 PC4/TIM1_CH4
I/O X
XX HS O3 X
X Port C4 Timer 1 - channel 4
-
30
22 PC5/SPI_SCK
I/O X
XX
O3 X
X Port C5 SPI clock
-
31
-
VSSIO_2
S
-
-
-
-
-
-
- I/O ground
-
32
-
VDDIO_2
S
-
-
-
-
-
-
- I/O power supply
-
33
23 PC6/SPI_MOSI
I/O X
XX
-
O3 X
X Port C6
SPI master out/
slave in
-
34
24 PC7/SPI_MISO
I/O X
XX
-
O3 X
X Port C7 SPI master in/ slave out -
35
-
PG0
I/O X
X-
-
O1 X
X Port G0 --
36
-
PG1
I/O X
X-
-
O1 X
X Port G1 --
37
-
PE3/TIM1_BKIN
I/O X
XX
-
O1 X
X Port E3 Timer 1 - break input
-
38
-
PE2/I2C_SDA
I/O X
-X
-
O1 T(6) - Port E2 I2C data
-
39
-
PE1/I2C_SCL
I/O X
-X
-
O1 T(6) - Port E1 I2C clock
-
40
-
PE0/CLK_CCO
I/O X
XX
-
O3 X
X Port E0
Configurable clock
output
-
41
25 PD0/TIM3_CH2
I/O X
XX HS O3 X
X Port D0 Timer 3 - channel 2
TIM1_BKIN
[AFR3]/
CLK_CCO
[AFR2]
42
26 PD1/SWIM(7)
I/O X
X
XHS O4 X
X Port D1 SWIM data interface
-
43
27 PD2/TIM3_CH1
I/O X
XX HS O3 X
X Port D2 Timer 3 - channel 1
TIM2_CH3
[AFR1]
44
28 PD3/TIM2_CH2
I/O X
XX HS O3 X
X Port D3 Timer 2 - channel 2
ADC_ETR
[AFR0]
45
29
PD4/TIM2_CH1/
BEEP
I/O X
XX HS O3 X
X Port D4 Timer 2 - channel 1
BEEP output
[AFR7]
46
30
PD5/
LINUART_TX
I/O X
XX
-
O1 X
X Port D5 LINUART data transmit -
Table 8. STM8AF6246/48/66/68 (32 Kbyte) microcontroller pin description(1)(2) (continued)
Pin
number
Pin name
Input
Output
Default alternate
function
Alternate
function after
remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com