Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99MC6TR-LF Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99MC6TR-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6TR-LF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99MC6TR-LF Datasheet HTML 18Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 19Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 20Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 21Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 22Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 23Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 24Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 25Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Electrical characteristics
L99MC6
22/32
Doc ID 16523 Rev 2
6.3.10
IQLS
Switched-off output current
SRC 1-3
VSRC1-3 = GND,
LED mode
--15
-25
µA
6.3.11
VOLD1-6
Drain open-load detection
voltage on drain
1,1
2,0
2,5
V
6.3.12
IOLD1-6
Open-load detection
current on drain
@ VOLD
80
190
280
µA
6.3.13
VOLS1-3
Source open-load detection
voltage on source
1,1
2,0
2,5
V
6.3.14
IOLS1-3
Open-load detection
current on source
@ VOLS
-80
-190
-280
µA
6.3.15
tdOL
Minimum duration of open-
load condition to set the
status bit
Guaranteed by design
2
3
4
ms
6.3.16
tISC
Minimum duration of
overcurrent condition to
switch-off the driver
Guaranteed by design
10
-
100
µs
6.3.17
dVOUT1/dt
Slew rate of channel 1 to 6
VS = 13.5 V, VCC =5.0 V
Iload =54 Ω
0.1
0.25
0.4
V/µs
6.3.18
dVOUT1LED/dt
Slew rate of channel 1 to 6
in LED mode
VS = 13.5 V, VCC =5.0 V
Iload =54 Ω
0.5
1.25
2.0
V/µs
6.3.19
VDRN_CL1-6
Drain clamp voltage
(low-side)
Source = GND
Iload =0.25 A
31
35
39
V
6.3.20
VSRC_CL1-3
Source clamp voltage
(high-side)
Drain = VS, Iload = 0.25 A
-22
-19
-15
V
Standby
-22
10
-1,5
V
Table 8.
Channels (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com