Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99MC6TR-LF Datasheet(PDF) 35 Page - STMicroelectronics

Part # L99MC6TR-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6TR-LF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L99MC6TR-LF Datasheet HTML 31Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 32Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 33Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 34Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 35Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 36Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 37Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 38Page - STMicroelectronics L99MC6TR-LF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
L99MC6
SPI control and status register
Doc ID 16523 Rev 2
35/32
Table 25.
Control register 1
Adress
Access
Data Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Channel 2&5 control
01h
R/W
ENCP
CH5
[2]
CH5
[1]
CH5
[0]
Bridge
2&5
CH2
[2]
CH2
[1]
CH2
[0]
Default
10000
000
Table 26.
Control register 2
Adress
Access
Data Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Channel 1&4 control
02h
R/W
DISCP
CH4
[2]
CH4
[1]
CH4
[0]
Bridge
1&4
CH1
[2]
CH1
[1]
CH1
[0]
Default
00000
000
Table 27.
Status register 0
Adress
Access
Data Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Open-load, thermal status
04h
R
TSD
TWARN
OL
CH6
OL
CH5
OL
CH4
OL
CH3
OL
CH2
OL
CH1
Table 28.
Status register 1
Adress
Access
Data Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Overcurrent, thermal status
05h
R
TSD
TWARN
OC
CH6
OC
CH5
OC
CH4
OC
CH3
OC
CH2
OC
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com