Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETL9344 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ETL9344
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9344 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ETL9344 Datasheet HTML 16Page - STMicroelectronics ETL9344 Datasheet HTML 17Page - STMicroelectronics ETL9344 Datasheet HTML 18Page - STMicroelectronics ETL9344 Datasheet HTML 19Page - STMicroelectronics ETL9344 Datasheet HTML 20Page - STMicroelectronics ETL9344 Datasheet HTML 21Page - STMicroelectronics ETL9344 Datasheet HTML 22Page - STMicroelectronics ETL9344 Datasheet HTML 23Page - STMicroelectronics ETL9344 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MEMORY REFERENCE INSTRUCTIONS
Mnem Operand
Hex
Code
Machine
Language
Code
(binary)
Data Fl ow
Skip
Conditions
Description
CAMQ
33
3C
| 0 0 11| 0 011 |
_______________
| 0 0 11| 1 100 |
_______________
A
→ Q7:4
RAM (B)
→ Q
3: 0
None
Copy A, RAM to Q
CQMA
33
2C
| 0 0 11| 0 011 |
_______________
| 0 0 10| 1 100 |
_______________
Q7:4
→ RAM(B)
Q3:0 → A
None
Copy Q to RAM A
LD
r
–5
| 0 0 | r | 010 1|
_______________
(r = 0:3)
RAM(B)
→ A
Br
⊕ r → Br
None
Load RAM into A,
Exclusive-OR Br with r
LDD
r.d
23
| 0 0 1 0 | 0 0 1 1 |
_______________
|0 |
r
|
d
|
_______________
RAM(r.d)
→ A
None
Load A with RAM pointed
to directly by r.d.
LQID
BF
| 1 0 1 1 | 1 1 1 1 |
_______________
ROM (PC 10 :8A.M)
→ Q
SB
→ SC
None
Load Q Indirect (note 3)
RMB
0
1
2
3
4C
45
42
43
| 0 1 00| 1 100 |
_______________
| 0 1 00| 0 101 |
_______________
| 0 1 00| 0 010 |
_______________
| 0 1 00| 0 011 |
_______________
0
→ RAM (B)
0
0
→ RAM (B)
1
0
→ RAM (B)2
0
→ RAM (B)
3
None
Reset RAM Bit
SMB
0
1
2
3
4D
47
46
4B
| 0 1 00| 1 101 |
_______________
| 0 1 00| 1 101 |
_______________
| 0 1 00| 0 110 |
_______________
| 0 1 00| 1 011 |
_______________
1
→ RAM (B)0
1
→ RAM (B)
1
1
→ RAM (B)2
1
→ RAM (B)
3
None
Set RAM Bit
STII
y
7–
| 0 1 1 1 |
y
|
_______________
y
→ RAM (B)
Bd + 1
→ Bd
None
Store Memory Immediate
and Increment Bd
X
r
–6
| 0 0| r | 0 110 |
_______________
(r = 0:3)
RAM (B) £ A
Br
⊕ r → Br
None
Exchange RAM with A,
Exclusive-OR Br with r
XAD
r.d
23
| 0 0 10| 0 011 |
_______________
| 1 |r
|d
|
_______________
RAM (r.d) £ A
None
Exchange A with RAM
pointed to directly by r.d.
XDS
r
–7
| 0 0| r | 0 111 |
_______________
(r = 0:3)
RAM (B) £ A
Bd – 1
→ Bd
Br
⊕ r → Br
Bd
Decrements
Past 0
Exchange RAM with A and
Decrement Bd,
Exclusive-OR Br with r
XIS
r
–4
| 0 0 | r | 0 1 0 0 |
_______________
(r = 0:3)
RAM (B) £ A
Bd + 1
→ Bd
Br
⊕ r → Br
Bd
Increments
Past 15
Exchange RAM with A and
Increment Bd,
Exclusive-OR Br with r
ETL9444/9445–ETL9344/9345
20/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com