Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETL9344 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ETL9344
Description  4-BIT NMOS MICROCONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETL9344 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ETL9344 Datasheet HTML 19Page - STMicroelectronics ETL9344 Datasheet HTML 20Page - STMicroelectronics ETL9344 Datasheet HTML 21Page - STMicroelectronics ETL9344 Datasheet HTML 22Page - STMicroelectronics ETL9344 Datasheet HTML 23Page - STMicroelectronics ETL9344 Datasheet HTML 24Page - STMicroelectronics ETL9344 Datasheet HTML 25Page - STMicroelectronics ETL9344 Datasheet HTML 26Page - STMicroelectronics ETL9344 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
occurred on the IN3 and IN0 inputs since the last INIL
instruction, provided the input pulse stays low for at
least two instruction times. Execution of an INIL in-
puts IL3 and IL0 into A3 and A0 respectively, and re-
sets these latches to allow them to respond to
subsequent low-going pulses on the IN3 and IN0
lines. If CKO is mask programmed as a general pur-
pose input, an INIL will input the state of CKO into
A2. If CKO has not been so programmed, a ”1” will
be placed in A2. A ”0” is always placed in A1 upon
the execution of an INIL. The general purpose inputs
IN3-IN0 are input to A upon execution of an ININ in-
struction. (see table 2, ININ instruction). INIL is use-
ful in recognizing pulses of short duration or pulses
which occur too often to be read conveniently by an
ININ instruction.
Note : IL latches are not cleared on reset : IL3 and
IL0 not input on ETL9444/L9445.
LQID INSTRUCTION
LQID (Load Q Indirect) loads the 8-bit Q register with
the contents of ROM pointed to by the 11-bit word
PC10,PC9,PC8, A, M. LQID can be used for table
lookup or code conversion such as BCD to seven-
segment. The LQID instruction ”pushes” the stack
(PC + 1
→ SA → SB → SC) and replaces the least
significant 8 bits of PC as follows : A – PC7:4, RAM
(B)
→ PC3:0, leaving PC10,PC9 and PC8 unchan-
ged. The ROM data pointed to by the new address
is fetched and loaded into the Q latches. Next, the
stack is ”popped” (SC
→ SB → SA → PC), restoring
the saved value of PC to continue sequential pro-
gram execution. Since LQID pushes SB
→ SC, the
previous contents of SC are lost. Also, when LQID
pops the stack, the previously pushed contents of
SB are left in SC. The net result is that the contents
of SB are placed in SC (SB
→ SC). Note that LQID
takes two instruction cycle times to execute.
Figure 7 : INIL Hardware Implementation.
SKT INSTRUCTION
The SKT (Skip On Timer) instruction tests the state
of an internal 10-bit time-base counter. This counter
divides the instruction cycle clock, frequency by
1024 and provides a latched indication of counter o-
verflow. The SKT instruction tests this latch, execu-
ting the next program instruction if the latch is not
set. If the latch has been set since the previous test,
the next program instruction is skipped and the latch
is reset. The features associated with this instruc-
tion, therefore, allow the ETL9344/L9345 to gene-
rate its own time-base for real-time processing
rather than relying on an external input signal.
For example, using a 2.097MHz crystal as the time-
base to the clock generator, the instruction cycle
clock frequency will be 65kHz (crystal frequency
÷
32) and the binary counter output pulse frequency
willbe 64Hz. For time-of-day or similar real-time pro-
cessing, the SKT instruction can call a routine which
increments a ”seconds” counter every 64 ticks.
INSTRUCTION SET NOTES
a. The first word of a ETL9444/L9445 program
(ROM address 0) must be a CLRA (Clear A) in-
struction.
b. Although skipped instructions are not executed,
one instruction cycle time is devoted to skipping
each byte of the skipped instruction. Thus all pro-
gram paths except JID and LQID take the same
number of cycle times whether instructions are
skipped or executed. JID and LQID instructions
take 2 cycles if executed and 1 cycle if skipped.
c. The ROM is organized into 32 pages of 64 words
each. The Program Counter is an 11-bit binary
counter, and will count through page boundaries.
If a JP, JSRP, JID or LQID instruction is located
in the last word of a page, the instruction ope-
rates as if it were in the next page. For example
: a JP located in the last work of a page will jump
to a location in the next page. Also, a LQID or JID
located in the last word of page 3, 7, 11, 15, 19,
23 or 27 will access data in the next group of four
pages.
ETL9444/9445–ETL9344/9345
23/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com