Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF5040AID Datasheet(PDF) 3 Page - Texas Instruments

Part # REF5040AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5040AID Datasheet(HTML) 3 Page - Texas Instruments

  REF5040AID Datasheet HTML 1Page - Texas Instruments REF5040AID Datasheet HTML 2Page - Texas Instruments REF5040AID Datasheet HTML 3Page - Texas Instruments REF5040AID Datasheet HTML 4Page - Texas Instruments REF5040AID Datasheet HTML 5Page - Texas Instruments REF5040AID Datasheet HTML 6Page - Texas Instruments REF5040AID Datasheet HTML 7Page - Texas Instruments REF5040AID Datasheet HTML 8Page - Texas Instruments REF5040AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
4 Device Comparison Table
Table 4-1. Device VOUT Comparison
PRODUCT
Voltage
SOIC (8)
VSSOP (8)
N/A
REF5020ID
REF5020AID
REF5020IDGK
REF5020AIDGK
2.048V
REF5025EID
REF5025ID
REF5025AID
REF5025IDGK
REF5025AIDGK
2.5V
REF5030EID
REF5030ID
REF5030AID
REF5030IDGK
REF5030AIDGK
3V
REF5040EID
REF5040ID
REF5040AID
REF5040IDGK
REF5040AIDGK
4.096V
REF5045EID
REF5045ID
REF5045AID
REF5045IDGK
REF5045AIDGK
4.5V
REF5050EID
REF5050ID
REF5050AID
REF5050IDGK
REF5050AIDGK
5.0V
N/A
REF5010ID
REF5010AID
REF5010IDGK
REF5010AIDGK
10.0V
Table 4-2. Device Performance Comparison
Device
Grade
Temperature
Coefficient
Initial Accuracy
Noise
VIN Max
Quiescent
Current Max
REF50xxEI
Enhanced
2.5ppm/ºC
±0.025%
0.5μVPP/V
42V
480μA
REF50xxI
High
3ppm/ºC
±0.05%
3μVPP/V
18V
1.2mA
REF50xxAI
Standard
8ppm/ºC
±0.1%
3μVPP/V
18V
1.2mA
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com