Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF5040AID Datasheet(PDF) 5 Page - Texas Instruments

Part # REF5040AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5040AID Datasheet(HTML) 5 Page - Texas Instruments

  REF5040AID Datasheet HTML 1Page - Texas Instruments REF5040AID Datasheet HTML 2Page - Texas Instruments REF5040AID Datasheet HTML 3Page - Texas Instruments REF5040AID Datasheet HTML 4Page - Texas Instruments REF5040AID Datasheet HTML 5Page - Texas Instruments REF5040AID Datasheet HTML 6Page - Texas Instruments REF5040AID Datasheet HTML 7Page - Texas Instruments REF5040AID Datasheet HTML 8Page - Texas Instruments REF5040AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage
VIN (2)
-0.3
18
V
VIN (3)
-0.3
48
Output Voltage
VOUT
-0.3
5.5
V
Operating temperature
(TA)
–55
125
°C
Junction temperature
(TJ max)
150
Storage temperature range
(Tstg)
-65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Specification for REF5xxI and REF50xxAI.
(3)
Specification for REF50xxEI.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge (3)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
± 3000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
± 1000
Electrostatic discharge (4)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
± 2000
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
± 500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
(3)
Specification for REF50xxI and REF50xxAI.
(4)
Specification for REF50xxEI.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage (2)
VOUT + 0.2(1)
18
V
Input voltage (3)
VOUT + 0.2
42
V
NR
Noise reduction (3)
0
6
V
IOUT
Output current
–10
10
mA
TA
Operating ambient temperature
–40
25
125
°C
(1)
Except for the REF5020, where VIN (minimum) = 2.7V.
(2)
Specification for REF50xxI and REF50xxAI.
(3)
Specification for REF50xxEI.
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com