Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FERD20H100STS Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD20H100STS
Description  100 V, 20 A field-effect rectifier diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20H100STS Datasheet(HTML) 1 Page - STMicroelectronics

  FERD20H100STS Datasheet HTML 1Page - STMicroelectronics FERD20H100STS Datasheet HTML 2Page - STMicroelectronics FERD20H100STS Datasheet HTML 3Page - STMicroelectronics FERD20H100STS Datasheet HTML 4Page - STMicroelectronics FERD20H100STS Datasheet HTML 5Page - STMicroelectronics FERD20H100STS Datasheet HTML 6Page - STMicroelectronics FERD20H100STS Datasheet HTML 7Page - STMicroelectronics FERD20H100STS Datasheet HTML 8Page - STMicroelectronics FERD20H100STS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TO-220AB
TO-220FPAB
DPAK
IPAK
A
K
A
A
K
A
K
K
K
A
A
A
K
A
K
K
A
A
A
A
Features
•
ST advanced rectifier process
•
Stable leakage current over reverse voltage
•
Reduced leakage current
•
Low forward voltage drop
•
High frequency operation
•
Insulated package TO-220FPAB:
–
Insulated voltage: 2000 VRMS sine
•
ECOPACK2 compliant component
Applications
•
Switching diode
•
Notebook adapter
•
LED lighting
•
DC/DC converter
•
MPPT
Description
The device is based on a proprietary technology that achieves the best in class VF/IR
trade-off for a given silicon surface.
This 100 V rectifier has been optimized for use in confined casing applications where
both efficiency and thermal performance matter.
With a lower dependency of leakage current (IR) and forward voltage (VF) in function
of temperature, the thermal runaway risk is reduced. Therefore, it can
advantageously replace 100 V Schottky diodes.
Product status
FERD20H100S
Product summary
Symbol
Value
IF(AV)
20 A
VRRM
100 V
VF(max.)
0.415 V
IR(max.)
140 µA
T j(max.)
175 °C
100 V, 20 A field-effect rectifier diode
FERD20H100S
Datasheet
DS11526 - Rev 4 - June 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - FERD20H100STS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD20H100STS STMICROELECTRONICS-FERD20H100STS Datasheet
545Kb / 15P
100 V field-effect rectifier diode
09-May-2016
More results

Similar Description - FERD20H100STS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
100 V field-effect rectifier diode
07-Apr-2016
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
100 V field-effect rectifier diode
09-May-2016
FERD15S50S STMICROELECTRONICS-FERD15S50S Datasheet
355Kb / 8P
50 V field-effect rectifier diode
February 2017 Rev 1
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
45 V field-effect rectifier diode
January 2018 Rev 1
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
100 V field-effect rectifier diode
14-Nov-2017
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD60H100C-Y STMICROELECTRONICS-FERD60H100C-Y Datasheet
196Kb / 8P
100 V, 2 x 30 A field-effect rectifier diode
06-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com