Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FERD20H100STS Datasheet(PDF) 14 Page - STMicroelectronics

Part # FERD20H100STS
Description  100 V, 20 A field-effect rectifier diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20H100STS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button FERD20H100STS Datasheet HTML 8Page - STMicroelectronics FERD20H100STS Datasheet HTML 9Page - STMicroelectronics FERD20H100STS Datasheet HTML 10Page - STMicroelectronics FERD20H100STS Datasheet HTML 11Page - STMicroelectronics FERD20H100STS Datasheet HTML 12Page - STMicroelectronics FERD20H100STS Datasheet HTML 13Page - STMicroelectronics FERD20H100STS Datasheet HTML 14Page - STMicroelectronics FERD20H100STS Datasheet HTML 15Page - STMicroelectronics FERD20H100STS Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
3
Ordering information
Table 8. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
FERD20H100STS
FD20H100STS
TO-220AB
1.38 g
50
Tube
FERD20H100SFP
FD20H100SFP
TO-220FPAB
1.7 g
50
Tube
FERD20H100SB-TR
FD20 H100S
DPAK
0.35 g
2500
Tape and reel
FERD20H100SH
FD20 H100S
IPAK
0.32 g
75
Tube
FERD20H100S
Ordering information
DS11526 - Rev 4
page 14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com