Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99DZ120_V01 Datasheet HTML 69Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 70Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 71Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 72Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 73Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 74Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 75Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 76Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 161 page
background image
DS11567 Rev 5
73/161
L99DZ120
Application information
160
Permanent dominant
If the bus state is dominant (low) for t > tdom(bus) a bus permanent dominant failure will be
detected. The status bit LIN_PERM_DOM (SR 2) will be set.
The transmitter will not be disabled.
4.9.3
Wake up from Standby modes
In low power modes (V1_standby mode and Vbat_standby mode) the devices can receive
two types of wake up signals from the LIN bus (configurable by SPI bit LIN_WU_CONFIG
(Config Reg)):
Recessive-Dominant-recessive pattern with t > tdom_LIN (default, according to LIN 2.2a)
State Change recessive-to-dominant or dominant-to-recessive (according to LIN 2.1)
Pattern Wake-up (default)
Figure 30. Wake-up behavior according to LIN 2.2a
Status change wake-up - Recessive-to-dominant
Normal wake-up can occur when the LIN transceiver was set in standby mode while LIN
was in recessive (high) state. A dominant level at LIN for t > tLINBUS, will switch the devices
to Active mode.
Status change wake-up - Dominant-to-recessive
If the LIN transceiver was set in standby mode while LIN was in dominant (low) state,
recessive level at LIN for t > tLINBUS, will switch the devices to Active mode.
4.9.4
Receive-only mode
The LIN transmitter can be disabled in Active mode by setting the bit LIN_REC_ONLY
(CR2). In this mode it is possible to listen to the bus but not sending to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com