Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99DZ120_V01 Datasheet HTML 17Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 18Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 19Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 20Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 21Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 22Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 23Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 24Page - STMicroelectronics L99DZ120_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 161 page
background image
DS11567 Rev 5
21/161
L99DZ120
Electrical specifications
160
3.3.1
LQFP64 thermal data
Devices belonging to L99DZxxx family embed a multitude of junctions (i.e. Outputs based
on a PowerMOSFET stage) housed in a relatively small piece of silicon. The most complex
device contains, among all the described features, 6 half-bridges (12 N-Channel
PowerMOS), 10 high-sides and two voltage regulators; all the other derivatives, even if
smaller than the family super set device, still contain a significant number of junctions.
For this reason, using the Thermal Impedance of a single junction (i.e. voltage regulator or
major power dissipation contributor) does not allow to predict thermal behavior of the whole
device and therefore it is not possible to assess if a device is thermally suitable for a given
activation profile and loads characteristics.
Thermal information is provided as temperature reading by different clusters placed close to
the most dissipative junctions.
Some representative and realistic worst-case thermal profiles are described in the below
paragraph.
Following measurement methods can be easily implemented, by final user, for a specific
activation profile.
L99DZ120 thermal profiles
Profile 1
Battery Voltage: 16V, Ambient temperature start: 85°C
DC activation
V1 charged with 70 mA (DC activation)
V2 charged with 30 mA (DC activation)
OUT7: 1 x10W bulb (DC activation)
OUT8: 1 x 5W bulb (DC activation)
OUT11: 300 Ω resistor (DC activation)
OUT12: 300 Ω resistor (DC activation)
OUT13: 300 Ω resistor (DC activation)
OUT14: 300 Ω resistor (DC activation)
Table 6. Temperature warning and thermal shutdown
Symbol
Parameter
Min. Typ.
Max.
Unit
TW
Thermal overtemperature warning threshold
Tj(1)
1. Non-overlapping.
140
150
160
°C
TSD1
Thermal shutdown junction temperature 1
Tj(1)
Cluster 1-4
Cluster 5-6
165
165
175
175
185
190
°C
TSD2
Thermal shutdown junction temperature 2
Tj(1)
175
185
195
°C
TSD12hys
Hysteresis
5
°C
Tjtft
Thermal warning / shutdown filter time
32
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com