| Electronic Components Datasheet Search |
|
L99DZ300G Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ300G Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 157 page ![]() The CAN receiver is not disabled in case of any failure condition. Dominant TXDC time out If TXDC is in dominant state (low) for t > tdom(TXDC) the transmitter is disabled, status bit is latched and can be read and optionally cleared by SPI. The transmitter remains disabled until the status register is cleared. CAN Bus permanent recessive If TXDC changes to dominant (low) state but CAN bus does not follow for 4 times, the transmitter is disabled, status bit is latched and can be read and optionally cleared by SPI. The transmitter remains disabled until the status register is cleared. CAN permanent dominant If the bus state is dominant (low) for t > tCAN a permanent dominant status is detected. The status is latched and can be read and optionally cleared by SPI. The transmitter is not disabled. RXDC permanent recessive If RXDC pin is clamped to recessive (high) state, the controller is not able to recognize a bus dominant state and could start messages at any time, which results in disturbing the overall bus communication. Therefore, if RXDC does not follow TXDC for 4 times the transmitter is disabled. The status bit is latched and can be read and optionally cleared by SPI. The transmitter remains disabled until the status register is cleared. 3.10.4 Wake up by CAN The default setting for the wake-up behavior after Power-on Reset is the wake-up by regular communication on the CAN bus. When the CAN transceiver is in a standby mode (CAN TRX STBY) the device can be woken up by sending 2 consecutive dominant bits separated by a recessive bit. Normal pattern wake-up can occur when the CAN pattern wake-up option is enabled, and the CAN transceiver was set in standby mode (CAN TRX STBY) while CAN bus was in recessive (high) state or dominant (low) state. In order to wake-up the device, the following criteria must be fulfilled: • The CAN interface wake-up receiver must receive a series of two consecutive valid dominant pulses, each of which must be longer than tfilter. • The distance between 2 pulses must be longer than tfilter. • The two pulses must occur within a time frame of twake. • Wake-up occurs when duration of the second pulse becomes longer than tfilter. Note: A wake-up caused by a message on the bus starts the voltage regulator and the microcontroller to switch the application back to normal operation mode. L99DZ300G Functional description DS13902 - Rev 11 page 64/157 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |