Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ300G Datasheet(PDF) 73 Page - STMicroelectronics

Part # L99DZ300G
Description  Automotive front door device with CAN FD and LIN
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ300G Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L99DZ300G Datasheet HTML 69Page - STMicroelectronics L99DZ300G Datasheet HTML 70Page - STMicroelectronics L99DZ300G Datasheet HTML 71Page - STMicroelectronics L99DZ300G Datasheet HTML 72Page - STMicroelectronics L99DZ300G Datasheet HTML 73Page - STMicroelectronics L99DZ300G Datasheet HTML 74Page - STMicroelectronics L99DZ300G Datasheet HTML 75Page - STMicroelectronics L99DZ300G Datasheet HTML 76Page - STMicroelectronics L99DZ300G Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 157 page
background image
Figure 31. Half bridge short-circuit detection in PWM mode: filter time is tFSC_PWM
High-side drivers with overcurrent recovery mode (HS7-HS10) are also short-circuit protected.
A short-circuit condition is detected at turn on of the output if the output voltage level remains low (< 2 V) after the
programmed filter time tOCRxx.
If a short-circuit condition is detected, the output is turned OFF and the overcurrent flag HSx_OC is set. This bit
must be cleared before the output can be turned ON by SPI.
3.20
Current monitor
The current monitor sources an image of the power stage output current at the CM pin, which has the fixed ratio
(ICMr see Section 2.4.8: Current monitor output) of the instantaneous current of the selected high-side driver. The
signal at output CM is blanked after switching on the driver until the correct settlement of the circuitry. The bits
CM_SEL_x (x = 0, .., 4) in CR13 define which of the outputs is multiplexed to the current monitor output CM. The
current monitor output allows a more precise analysis of the actual state of the load rather than the detection of an
open-load or overload condition. For example, it can be used to detect the motor state (starting, free running,
stalled). The current monitor output is enabled after the current monitor blanking time, when the selected output is
switched on. If this output is off, the current monitor output is in high impedance mode. The current monitor can
be activated/deactivated by selecting the corresponding setting for CM on/off bit.
3.21
PWM mode of the power outputs
All half bridges (except HB2 and HB3) can be, if suitably configured in CR2, directly driven in a 25 kHz PWM
mode via pin PWM1-6 and PWM4-5. In this case, for the selected output, blanking time tBLK is replaced by
tFOC_PWM.
When the PWM mode is activated on a half bridge low-side driver, all the others remain configurable according to
the standard output bits (HBx_LS & HBx_HS) in CR16 (see Section 6.4.12: Control register 16 (0x3Dh)).
Note:
Active freewheeling is not implemented in PWM mode.
L99DZ300G
Functional description
DS13902 - Rev 11
page 73/157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com