Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ80EPTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99DZ80EPTR
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EPTR Datasheet(HTML) 1 Page - STMicroelectronics

  L99DZ80EPTR Datasheet HTML 1Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 2Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 3Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 4Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 5Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 6Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 7Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 8Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
This is information on a product in full production.
December 2016
DocID18260 Rev 6
1/68
L99DZ80EP
Automotive door actuator driver
Datasheet - production data
Features
 AEC-Q100 qualified
 One full bridge for 6 A load (R
ON = 150 m)
 Two half bridges for 3 A load (R
ON = 300 m)
 Two half bridges for 0.5 A load
(RON =1600m)
 One high-side driver for 5 A load
(RON =100 m)
 One configurable high-side driver for up to
1.5 A (RON = 500 m) or 0.35 A
(RON = 1600 m) load
 One configurable high-side driver for 0.7 A
(RON =800 m) or 0.35 A (RON = 1600 m)
load
 Two high-side drivers for 0.5 A load
(RON =1600m)
 Programmable softstart function to drive loads
with higher inrush currents as current limitation
value
 Very low V
S current consumption in standby
mode (IS < 6 µA typ; Tj  85 °C)
 Current monitor output for all high-side drivers
 Central two-stage charge pump
 Motor bridge driver with full R
dson down to 6 V
 Device contains temperature warning and
protection
 Open-load detection for all outputs
 Overcurrent protection for all outputs
 Separated half bridges for door lock motor
 Programmable PWM control of all outputs
 STM standard serial peripheral interface (ST-
SPI 3.1)
 Control block for electrochromic element
 Electrochromic element can be negatively
discharged
 Prepared for additional fail-safe path for
H-bridge
Applications
 Door actuator driver with 6 bridges for double
door lock control, mirror fold and mirror axis
control, high-side driver for mirror defroster,
bulbs and LEDs.
 Control block with external MOS transistor for
charging / discharging of electrochromic glass.
Motor bridge driver.
 H-bridge control for external power transistors
Description
The L99DZ80EP is a microcontroller driven
multifunctional door actuator driver for automotive
applications. Up to five DC motors and five
grounded resistive loads can be driven with six
half bridges and five high-side drivers. Four
external MOS transistors in bridge configuration
can be driven. An electrochromic mirror glass can
be controlled using the integrated SPI-driven
module in conjunction with an external MOS
transistor. The mirror glass can also be
discharged through a negative supply. The
integrated SPI controls all operating modes
(forward, reverse, brake and high impedance). All
diagnostic information is available via SPI read.
Table 1. Device summary
Package
Order codes
Tray
Tape and reel
TQFP-64
L99DZ80EP
L99DZ80EPTR
www.st.com


Similar Part No. - L99DZ80EPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99DZ80EP STMICROELECTRONICS-L99DZ80EP Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L99DZ80EPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com