Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ80EPTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99DZ80EPTR
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EPTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99DZ80EPTR Datasheet HTML 30Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 31Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 32Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 33Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 34Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 35Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 36Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 37Page - STMicroelectronics L99DZ80EPTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Application information
L99DZ80EP
34/68
DocID18260 Rev 6
3.8
Inductive loads
Each half bridge is built by internally connected high- and low-side power DMOS transistors.
Due to the built-in reverse diodes of the output transistors, inductive loads can be driven at
the outputs OUT1 to OUT6 without external freewheeling diodes. The high-side drivers
OUT7 to OUT11 are intended to drive resistive loads. Therefore only a limited energy
(E < 1 mJ) can be dissipated by the internal ESD-diodes in freewheeling condition. For
inductive loads (L > 100 µH) an external freewheeling diode connected between GND and
the corresponding output is required. The low side driver at ECV does not have a freewheel
diode built into the device.
3.9
Open-load detection
The open load detection monitors the load current in each activated output stage. If the load
current is below the open load detection threshold for at least tFOL the corresponding open-
load bit is set in the status register. Due to mechanical/electrical inertia of typical loads a
short activation of the outputs (e.g. 3 ms) can be used to test the open load status without
changing the mechanical/electrical state of the loads.
3.10
Overcurrent detection
In case of an overcurrent condition, a flag is set in the status register. If the overcurrent
signal is valid for at least TFOC, the overcurrent flag is set and the corresponding driver is
switched off to reduce the power dissipation and to protect the integrated circuit. If the
overcurrent recovery bit of the output is cleared, the microcontroller has to clear the status
bits to reactivate the corresponding driver.
3.11
Current monitor
The current monitor output sources a current image at the current monitor output, which has
three fixed ratios of the instantaneous current of the selected high-side driver. Outputs with
a resistance of 500 m
and higher have a ratio of 1/2000, except for OUT8, which has a
ratio of 1/6500, and those with a lower resistance one of 1/10000. The signal at output CM is
blanked after switching on the driver until correct settlement of the circuitry. The bits
CM_SEL<3:0> define which of the outputs are multiplexed to the current monitor output CM.
The current monitor output allows a more precise analysis of the actual state of the load
rather than the detection of an open- or overload condition. For example, it can be used to
detect the motor state (starting, free running, stalled). Moreover, it is possible to control the
power of the defroster more precisely by measuring the load current. The current monitor
output is enabled after the current-monitor blanking time, when the selected output is
switched on. If this output is off, the current monitor output is in high-impedance mode.
3.12
PWM mode of the power outputs
Each driver has a corresponding PWM enable bit, which can be programmed by the SPI
interface. If the PWM enable bit is set, the output is controlled by the logically AND-
combination of an internally generated PWM signal and the output control bit of the
corresponding driver. The PWM-Frequency of all outputs can be programmed to either
122 Hz of 244 Hz typically. The on-duty-cycle is set by the four 7-bit registers, which control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com