Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN65DP159RGZRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65DP159RGZRG4
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159RGZRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65DP159RGZRG4 Datasheet HTML 1Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 2Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 3Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 4Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 5Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 6Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 7Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 8Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
2
SN65DP159, SN75DP159
SLLSEJ2G – JULY 2015 – REVISED MARCH 2020
www.ti.com
Product Folder Links: SN65DP159 SN75DP159
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 5
6
Pin Configuration and Functions ......................... 5
7
Specifications......................................................... 8
7.1
Absolute Maximum Ratings ...................................... 8
7.2
ESD Ratings.............................................................. 8
7.3
Recommended Operating Conditions ....................... 9
7.4
Thermal Information .................................................. 9
7.5
Power Supply Electrical Characteristics ................. 10
7.6
Differential Input Electrical Characteristics ............. 11
7.7
HDMI and DVI TMDS Output Electrical
Characteristics ......................................................... 12
7.8
AUX, DDC, and I2C Electrical Characteristics ........ 13
7.9
HPD Electrical Characteristics ................................ 13
7.10
HDMI and DVI Main Link Switching
Characteristics ......................................................... 14
7.11
AUX Switching Characteristics (Only for RGZ
Package) .................................................................. 16
7.12
HPD Switching Characteristics ............................. 16
7.13
DDC and I2C Switching Characteristics................ 16
7.14
Typical Characteristics .......................................... 17
8
Parameter Measurement Information ................ 17
9
Detailed Description ............................................ 25
9.1
Overview ................................................................. 25
9.2
Functional Block Diagram ....................................... 25
9.3
Feature Description................................................. 26
9.4
Device Functional Modes........................................ 32
9.5
Register Maps ......................................................... 33
10
Application and Implementation........................ 41
10.1
Application Information.......................................... 41
10.2
Typical Application ................................................ 46
10.3
System Example ................................................... 48
11
Power Supply Recommendations ..................... 49
11.1
Power Management .............................................. 49
12
Layout................................................................... 50
12.1
Layout Guidelines ................................................. 50
12.2
Layout Examples................................................... 51
12.3
Thermal Considerations ........................................ 52
13
Device and Documentation Support ................. 53
13.1
Related Links ........................................................ 53
13.2
Documentation Support ........................................ 53
13.3
Receiving Notification of Documentation Updates 53
13.4
Community Resources.......................................... 53
13.5
Trademarks ........................................................... 53
13.6
Electrostatic Discharge Caution ............................ 53
13.7
Glossary ................................................................ 53
14
Mechanical, Packaging, and Orderable
Information ........................................................... 54
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (May 2018) to Revision G
Page
•
Changed references to HDMI2.0a to HDMI2.0b ................................................................................................................... 1
•
Added links to end equipment pages in Applications section. ............................................................................................... 1
Changes from Revision E (April 2018) to Revision F
Page
•
Changed From: "SN75DP159 is characterized from –40°C to 85°C" To "SN65DP159 is characterized from –40°C to
85°C" in the Description (continued) ...................................................................................................................................... 5
•
Changed From: "SN65DP159 is characterized from 0°C to 85°C" To "SN75DP159 is characterized from 0°C to
85°C" in the Description (continued) ...................................................................................................................................... 5
Changes from Revision D (June 2017) to Revision E
Page
•
Changed the pinout images appearance in the Pin Configuration and Functions section..................................................... 5
Changes from Revision C (July 2016) to Revision D
Page
•
Changed the title From: " SNx5DP159 6-Gbps DP++ to HDMI Retimer" To: "SNx5DP159 6-Gbps AC-Coupled
TMDS™ to HDMI™ Level Shifter Retimer" ............................................................................................................................ 1
•
Changed the Features List ..................................................................................................................................................... 1
•
Changed the Applications List ................................................................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com