Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN65DP159RGZRG4 Datasheet(PDF) 64 Page - Texas Instruments

Part # SN65DP159RGZRG4
Description  SNx5DP159 6-Gbps AC-Coupled TMDS™ to HDMI™ Level Shifter Retimer
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP159RGZRG4 Datasheet(HTML) 64 Page - Texas Instruments

Back Button SN65DP159RGZRG4 Datasheet HTML 60Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 61Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 62Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 63Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 64Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 65Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 66Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 67Page - Texas Instruments SN65DP159RGZRG4 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
36X (0.4)
(R0.05) TYP
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
40X (0.6)
40X (0.2)
(4.8)
(4.8)
(
3.7)
(
0.2) TYP
VIA
(0.625)
(0.625)
(0.975)
(0.975)
WQFN - 0.8 mm max height
RSB0040F
PLASTIC QUAD FLATPACK - NO LEAD
4232230/A 09/2025
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SEE SOLDER MASK
DETAIL
1
10
11
20
21
30
31
40
41
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com