Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC1T45 Datasheet(PDF) 36 Page - Texas Instruments

Part # SN74AXC1T45
Description  SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC1T45 Datasheet(HTML) 36 Page - Texas Instruments

Back Button SN74AXC1T45 Datasheet HTML 32Page - Texas Instruments SN74AXC1T45 Datasheet HTML 33Page - Texas Instruments SN74AXC1T45 Datasheet HTML 34Page - Texas Instruments SN74AXC1T45 Datasheet HTML 35Page - Texas Instruments SN74AXC1T45 Datasheet HTML 36Page - Texas Instruments SN74AXC1T45 Datasheet HTML 37Page - Texas Instruments SN74AXC1T45 Datasheet HTML 38Page - Texas Instruments SN74AXC1T45 Datasheet HTML 39Page - Texas Instruments SN74AXC1T45 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X
0.20
0.12
6X
0.35
0.27
2X
0.7
4X
0.35
0.4 MAX
0.04
0.00
(0.102) TYP
0.55
0.40
0.32
B
1.05
0.95
A
1.05
0.95
4223910/C 12/2017
X2SON - 0.4 mm max height
DEA0006A
PLASTIC SMALL OUTLINE - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
3
4
6
0.1
C B A
0.05
C
SYMM
SYMM
PIN 1 ID
45 X 0.075
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 12.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com