Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC1T45 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AXC1T45
Description  SN74AXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC1T45 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AXC1T45 Datasheet HTML 4Page - Texas Instruments SN74AXC1T45 Datasheet HTML 5Page - Texas Instruments SN74AXC1T45 Datasheet HTML 6Page - Texas Instruments SN74AXC1T45 Datasheet HTML 7Page - Texas Instruments SN74AXC1T45 Datasheet HTML 8Page - Texas Instruments SN74AXC1T45 Datasheet HTML 9Page - Texas Instruments SN74AXC1T45 Datasheet HTML 10Page - Texas Instruments SN74AXC1T45 Datasheet HTML 11Page - Texas Instruments SN74AXC1T45 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Table 5-3. Switching Characteristics, VCCA = 0.9V
PARAMETER
FROM
TO
TEST
CONDITIONS
B–PORT SUPPLY VOLTAGE (VCCB)
UNIT
0.7 ± 0.05 V
0.8 ± 0.04 V
0.9 ± 0.045 V
1.2 ± 0.1V
1.5 ± 0.1V
1.8 ± 0.15 V
2.5 ± 0.2V
3.3 ± 0.3V
MIN MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
A
B
–40°C to 85°C
0.5
126
0.5
78
0.5
52
0.5
23
0.5
18
0.5
16
0.5
15
0.5
18
ns
–40°C to 125°C
0.5
126
0.5
78
0.5
52
0.5
23
0.5
18
0.5
16
0.5
15
0.5
18
B
A
–40°C to 85°C
0.5
85
0.5
64
0.5
53
0.5
40
0.5
28
0.5
24
0.5
22
0.5
21
–40°C to 125°C
0.5
85
0.5
64
0.5
53
0.5
40
0.5
28
0.5
24
0.5
22
0.5
21
tdis
Disable time
DIR
A
–40°C to 85°C
0.5
75
0.5
75
0.5
75
0.5
75
0.5
75
0.5
75
0.5
75
0.5
75
ns
–40°C to 125°C
0.5
79
0.5
79
0.5
79
0.5
79
0.5
79
0.5
79
0.5
79
0.5
79
DIR
B
–40°C to 85°C
0.5
144
0.5
105
0.5
82
0.5
32
0.5
25
0.5
24
0.5
21
0.5
23
–40°C to 125°C
0.5
144
0.5
105
0.5
83
0.5
36
0.5
28
0.5
26
0.5
21
0.5
23
ten
Enable time
DIR
A
–40°C to 85°C
0.5
282
0.5
223
0.5
195
0.5
77
0.5
59
0.5
54
0.5
48
0.5
54
ns
–40°C to 125°C
0.5
304
0.5
229
0.5
199
0.5
81
0.5
62
0.5
56
0.5
49
0.5
54
DIR
B
–40°C to 85°C
0.5
262
0.5
214
0.5
188
0.5
159
0.5
154
0.5
152
0.5
151
0.5
154
–40°C to 125°C
0.5
269
0.5
221
0.5
195
0.5
166
0.5
161
0.5
159
0.5
158
0.5
161
Table 5-4. Switching Characteristics, VCCA = 1.2V
PARAMETER
FROM
TO
TEST
CONDITIONS
B–PORT SUPPLY VOLTAGE (VCCB)
UNIT
0.7 ± 0.05 V
0.8 ± 0.04 V
0.9 ± 0.045 V
1.2 ± 0.1V
1.5 ± 0.1V
1.8 ± 0.15 V
2.5 ± 0.2V
3.3 ± 0.3V
MIN MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
A
B
–40°C to 85°C
0.5
87
0.5
52
0.5
39
0.5
15
0.5
9
0.5
8
0.5
7
0.5
7
ns
–40°C to 125°C
0.5
87
0.5
52
0.5
39
0.5
15
0.5
10
0.5
9
0.5
7
0.5
8
B
A
–40°C to 85°C
0.5
51
0.5
33
0.5
23
0.5
15
0.5
12
0.5
10
0.5
7
0.5
7
–40°C to 125°C
0.5
51
0.5
33
0.5
23
0.5
15
0.5
12
0.5
10
0.5
8
0.5
7
tdis
Disable time
DIR
A
–40°C to 85°C
0.5
22
0.5
22
0.5
22
0.5
22
0.5
22
0.5
22
0.5
22
0.5
22
ns
–40°C to 125°C
0.5
29
0.5
29
0.5
29
0.5
29
0.5
29
0.5
29
0.5
29
0.5
29
DIR
B
–40°C to 85°C
0.5
137
0.5
98
0.5
74
0.5
24
0.5
18
0.5
16
0.5
13
0.5
13
–40°C to 125°C
0.5
137
0.5
98
0.5
78
0.5
30
0.5
23
0.5
21
0.5
17
0.5
16
ten
Enable time
DIR
A
–40°C to 85°C
0.5
240
0.5
185
0.5
157
0.5
45
0.5
36
0.5
33
0.5
26
0.5
29
ns
–40°C to 125°C
0.5
265
0.5
193
0.5
164
0.5
51
0.5
41
0.5
37
0.5
30
0.5
32
DIR
B
–40°C to 85°C
0.5
115
0.5
80
0.5
67
0.5
43
0.5
37
0.5
36
0.5
35
0.5
35
–40°C to 125°C
0.5
121
0.5
86
0.5
73
0.5
49
0.5
44
0.5
43
0.5
41
0.5
42
SN74AXC1T45
SCES882E – DECEMBER 2017 – REVISED DECEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AXC1T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com