Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC2T45 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AXC2T45
Description  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AXC2T45 Datasheet HTML 1Page - Texas Instruments SN74AXC2T45 Datasheet HTML 2Page - Texas Instruments SN74AXC2T45 Datasheet HTML 3Page - Texas Instruments SN74AXC2T45 Datasheet HTML 4Page - Texas Instruments SN74AXC2T45 Datasheet HTML 5Page - Texas Instruments SN74AXC2T45 Datasheet HTML 6Page - Texas Instruments SN74AXC2T45 Datasheet HTML 7Page - Texas Instruments SN74AXC2T45 Datasheet HTML 8Page - Texas Instruments SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX UNITS
VCCA
Supply voltage A
–0.5
4.2
V
VCCB
Supply voltage B
–0.5
4.2
V
VI
Input Voltage(2)
I/O Ports (A Port)
–0.5
4.2
V
I/O Ports (B Port)
–0.5
4.2
Control Inputs
–0.5
4.2
VO
Voltage applied to any output in the high-impedance or power-off state(2)
A Port
–0.5
4.2
V
B Port
–0.5
4.2
VO
Voltage applied to any output in the high or low state(2) (3)
A Port
–0.5 VCCA + 0.2
V
B Port
–0.5 VCCB + 0.2
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
–50
50
mA
Continuous current through VCC or GND
–100
100
mA
Tj
Junction Temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input voltage and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The output positive-voltage rating may be exceeded up to 4.2V maximum if the output current rating is observed.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±8000
V
Charged device model (CDM), per JEDEC V Specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
SN74AXC2T45
SCES880D – AUGUST 2019 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74AXC2T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com