Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC2T45 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AXC2T45
Description  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AXC2T45 Datasheet HTML 1Page - Texas Instruments SN74AXC2T45 Datasheet HTML 2Page - Texas Instruments SN74AXC2T45 Datasheet HTML 3Page - Texas Instruments SN74AXC2T45 Datasheet HTML 4Page - Texas Instruments SN74AXC2T45 Datasheet HTML 5Page - Texas Instruments SN74AXC2T45 Datasheet HTML 6Page - Texas Instruments SN74AXC2T45 Datasheet HTML 7Page - Texas Instruments SN74AXC2T45 Datasheet HTML 8Page - Texas Instruments SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted) (1) (2) (3)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
Operating free-air temperature (TA)
UNIT
-40°C to 85°C
-40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level
output voltage
VI = VIH
IOH = -100µA
0.7V – 3.6V
0.7V – 3.6V
VCCO
-0.1
VCCO
-0.1
V
IOH = -50µA
0.65V
0.65V
0.55
0.55
IOH = -200µA
0.76V
0.76V
0.58
0.58
IOH = -500µA
0.85V
0.85V
0.65
0.65
IOH = -3mA
1.1V
1.1V
0.85
0.85
IOH = -6mA
1.4V
1.4V
1.05
1.05
IOH = -8mA
1.65V
1.65V
1.2
1.2
IOH = -9mA
2.3V
2.3V
1.75
1.75
IOH = -12mA
3V
3V
2.3
2.3
VOL
Low-level
output voltage
VI = VIL
IOL = 100µA
0.7V – 3.6V
0.7V – 3.6V
0.1
0.1
V
IOL = 50µA
0.65V
0.65V
0.1
0.1
IOL = 200µA
0.76V
0.76V
0.18
0.18
IOL = 500µA
0.85V
0.85V
0.2
0.2
IOL = 3mA
1.1V
1.1V
0.25
0.25
IOL = 6mA
1.4V
1.4V
0.35
0.35
IOL = 8mA
1.65V
1.65V
0.45
0.45
IOL = 9mA
2.3V
2.3V
0.55
0.55
IOL = 12mA
3V
3V
0.7
0.7
II
Input leakage
current
Control input (DIR):VI =
VCCA or GND
0.65V – 3.6V
0.65V – 3.6V
-0.5
0.5
-1
1
µA
Data Inputs (Ax, Bx),VI =
VCCI or GND
0.65V – 3.6V
0.65V – 3.6V
-4
4
-8
8
µA
Ioff
Partial power
down current
A Port: VI or VO = 0V –
3.6V
0V
0V – 3.6V
-4
4
-8
8
µA
B Port: VI or VO = 0V –
3.6V
0V – 3.6V
0V
-4
4
-8
8
ICCA
VCCA supply
current
VI =
VCCI or
GND
IO = 0
0.65V – 3.6V
0.65V – 3.6V
8
14
µA
0V
3.6V
-2
-12
3.6V
0V
4
8
ICCB
VCCB supply
current
VI =
VCCI or
GND
IO = 0
0.65V – 3.6V
0.65V – 3.6V
8
14
µA
0V
3.6V
4
8
3.6V
0V
-2
-12
ICCA +
ICCB
Combined
supply current
VI =
VCCI or
GND
IO = 0
0.65V – 3.6V
0.65V – 3.6V
16
23
µA
Ci
Control Input
(DIR)
Capacitance
VI = 3.3V or GND
3.3V
3.3V
3.3
3.3
pF
Cio
Data I/O
Capacitance
VO = 1.65V DC +1MHz
-16dBm sine wave
3.3V
3.3V
5.4
5.4
pF
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All typical data is taken at 25°C.
www.ti.com
SN74AXC2T45
SCES880D – AUGUST 2019 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74AXC2T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com