Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CV320K7AL1 Datasheet(PDF) 13 Page - Bourns Electronic Solutions

Part # CV320K7AL1
Description  CV Series - Medium Voltage Disc Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CV320K7AL1 Datasheet(HTML) 13 Page - Bourns Electronic Solutions

Back Button CV320K7AL1 Datasheet HTML 9Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 10Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 11Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 12Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 13Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 14Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 15Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 16Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 17Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
CV Series - Medium Voltage Disc Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Assembly Recommendations for Through-Hole Components
POINT TO BE FIXED
2
(.079)
Very often before soldering through-hole components, their leads
get bent. It is important not to damage the components during lead
bending. Damage most commonly incurred during bending is cracks
in epoxy parts, which can lead to increased humidity sensitivity of a
component and, consequentially, a shorter lifetime.
In order to avoid epoxy damage, it is necessary to:
- fix the most sensitive point (epoxy parts) of a component body
- bend the wire at least 2 mm below the end of epoxy parts
Other potential damage to a component which can lead to component
failure or a shorter lifetime is thermal shock during manual soldering
with a soldering iron. This can occur when a soldering iron is placed
too close to one point of the component body and it happens most
often when the solder joint is too close to the varistor body.
Resistance to Soldering Heat
In the case of automatic wave soldering, it is important to provide sufficient resistance to soldering heat. In order to prevent any
potential problems, internal standards were introduced for testing the resistance to soldering heat of through-hole components: 300 °C,
10 seconds.
Pb-free Wave Soldering Profile Recommendations
Recommended soldering profiles for all above components are in accordance with JEDEC standard curves (J-STD-020D) and are,
therefore, compatible with the Pb-free process.
Lead-free Wave Soldering Profile - Pb-free wave profile requirements for soldering heat resistance of components
t1
T1
T2
Tmerit
MELTING POINT 217 °C
TIME
T3
t(w1+w2)
Parameter
Symbol
Specification
Preheating temperature gradient
4 °C/sec. max.
Preheating time
t1
2 to 5 min.
Min. preheating temperature
T1
130 °C
Max. preheating temperature
T2
180 °C
Melting temperature/point
Tmeltv
217 °C
Time in wave soldering phase
(w1+w2)
tw1+w2
10 sec.
Max. wave temperature (w1+w2)
Ts
265 °C +0/-5 °C
Cooling temperature gradient
6° C/sec. max.
Temperature jump from T2 to T3
(w1)
T3(w1) - T2
120 °C max
Time from 25 °C to T3 (wave
temperature)
8 min. max.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com